Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9546/PCBZ Datasheet(PDF) 166 Page - Analog Devices

Part # AD9546/PCBZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546/PCBZ Datasheet(HTML) 166 Page - Analog Devices

Back Button AD9546/PCBZ Datasheet HTML 162Page - Analog Devices AD9546/PCBZ Datasheet HTML 163Page - Analog Devices AD9546/PCBZ Datasheet HTML 164Page - Analog Devices AD9546/PCBZ Datasheet HTML 165Page - Analog Devices AD9546/PCBZ Datasheet HTML 166Page - Analog Devices AD9546/PCBZ Datasheet HTML 167Page - Analog Devices AD9546/PCBZ Datasheet HTML 168Page - Analog Devices AD9546/PCBZ Datasheet HTML 169Page - Analog Devices AD9546/PCBZ Datasheet HTML 170Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 166 of 205
CLOCK
SOURCE
M0
Mx PIN
SWITCH
MATRIX
CSB/M6
Mx
PINS
PULSE
PULSE
TO DIGITAL
CROSS POINT
MUX
TIME
STAMPS
TIME
STAMPS
AUX NCO 0
TIME SCALE
TO UTSP 0
AND UTSP 1
CENTER
OFFSET
CENTER
OFFSET
56
32
80
80
FREQ
PHASE
PHASE SLEW
56
56
32
32
40
40
PHASE TYPE
STATUS
AUXILIARY
NCO 0
TIME ADJUST
40
TIME ADJUST TYPE
40
PULSE SIGNIFICAND
4
PULSE EXPONENT
4
FREQ
PHASE
STATUS
4
4
DERIVED FROM
SYSTEM CLOCK
56
32
AUXILIARY
NCO 1
PHASE SLEW
PHASE TYPE
TIME ADJUST
TIME ADJUST TYPE
PULSE SIGNIFICAND
PULSE EXPONENT
AUX NCO 1
TIME SCALE
TAG RATIO
TAG SHIFT
16
16
TAG RATIO
TAG SHIFT
16
16
NOTE
1. A RANGE OF BITS USES A COLON SEPARATOR
REG 0x2806 TO 0x2800,
BITS[55:0]
REG 0x280A TO 0x2807,
BITS[31:0]
REG 0x2818 TO 0x2814,
BITS[39:0]
REG 0x280F, BIT 0
REG 0x2813 TO 0x2810,
BITS[31:0]
REG 0x281D TO 0x2819,
BITS[39:0]
REG 0x280F, BIT 1
REG 0x281E, BITS[7:4]
REG 0x281E, BITS[3:0]
REG 0x280C TO 0x280B,
BITS[15:0]
REG 0x280E TO 0x280D,
BITS[15:0]
REG 0x2846 TO 0x2840,
BITS[55:0]
REG 0x284A TO 0x2847,
BITS[31:0]
REG 0x2858 TO 0x2854,
BITS[39:0]
REG 0x284F, BIT 0
REG 0x2853 TO 0x2850,
BITS[31:0]
REG 0x285D TO 0x2859,
BITS[39:0]
REG 0x284F, BIT 1
REG 0x285E, BITS[7:4]
REG 0x285E, BITS[3:0]
REG 0x284C TO 0x284B,
BITS[15:0]
REG 0x284E TO 0x284D,
BITS[15:0]
REG 0x3002, BIT 7
REG 0x3002, BIT 6
REG 0x3A13 TO 0x3A0A,
BITS[79:0]
REG 0x3A09 TO 0x3A00,
BITS[79:0]
REG 0x3002,
BIT 4
REG 0x3002,
BIT 5
Figure 111. Auxiliary NCO Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com