Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9546/PCBZ Datasheet(PDF) 169 Page - Analog Devices

Part # AD9546/PCBZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546/PCBZ Datasheet(HTML) 169 Page - Analog Devices

Back Button AD9546/PCBZ Datasheet HTML 165Page - Analog Devices AD9546/PCBZ Datasheet HTML 166Page - Analog Devices AD9546/PCBZ Datasheet HTML 167Page - Analog Devices AD9546/PCBZ Datasheet HTML 168Page - Analog Devices AD9546/PCBZ Datasheet HTML 169Page - Analog Devices AD9546/PCBZ Datasheet HTML 170Page - Analog Devices AD9546/PCBZ Datasheet HTML 171Page - Analog Devices AD9546/PCBZ Datasheet HTML 172Page - Analog Devices AD9546/PCBZ Datasheet HTML 173Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 169 of 205
SYSTEM CLOCK COMPENSATION
SYSTEM CLOCK COMPENSATION OVERVIEW
The NCOs and the TDCs of the AD9546 derive their
timekeeping from the system clock (see the System Clock PLL
section). Therefore, the frequency accuracy of any of the NCOs
relates directly to the accuracy of the system clock. Likewise, an
inferred frequency based on the difference between successive
TDC time stamps is subject to the accuracy of the system clock.
Therefore, the stability of the system clock is crucial to the
accuracy of the NCOs and TDCs within the AD9546.
The stability of the system clock, in turn, relates directly to the
stability of the system clock source. The system clock source is
the frequency source driving the XOA and XOB pins. As such,
an ideally stable system clock source is desirable. In practice,
however, the system clock source suffers from frequency
instability caused by aging, variations in temperature, and
similar physical factors. Any frequency instability introduced
by the system clock source translates to a frequency instability
in the NCOs and TDCs.
Because the NCOs and TDCs are fundamentally numeric (digital)
in nature, it is possible to tune the NCOs and TDCs
numerically to counteract the system clock instability. That is,
with a known frequency error associated with the system clock
source, the user can apply a corresponding correction
(numerically) to the NCOs and TDCs, which is the underlying
concept of system clock compensation.
The system clock compensation operates on fractional frequency
error (FFE) rather than absolute frequency error. For a given
nominal frequency, f0, the FFE of a deviated frequency, f, is
FFE = (f – f0)/f0
or
FFE = f/f0 − 1
In the case of TDCs, the difference between successive time
stamps is the period of the underlying frequency. The
difference between successive time stamps gives rise to the
concept of fractional period error (FPE).
FPE = (p − p0)/p0
or
FPE = p/p0 − 1
where:
p0 is the nominal period.
p is the deviated period.
Because frequency relates to period as f = 1/p, FFE and FPE
relate as follows:
FFE = −FPE/(FPE + 1)
or
FPE = −FFE/(FFE + 1)
In the context of system clock compensation, consider a given
system clock frequency error expressed in terms of FFE.
Applying an FFE correction factor to the NCOs and TDCs
compensates for the FFE error of the system clock source. FFE
as a correction factor to the NCOs and TDCs compensates for
the FFE of the system clock source. The AD9546 has the option
of applying system clock compensation via two methods: open-
loop method and closed-loop method.
Open-Loop Method
Figure 114 shows the open-loop method, with the system clock
source driving the system clock PLL, which in turn serves as the
clock source for a representative NCO within the AD9546.
Although Figure 114 shows an NCO, this section also applies to
a TDC.
fNCO
XOA XOB
fSRC
fS
NCO
AD9546
SYSTEM
CLOCK PLL
COMPENSATION
CALCULATOR
FTW
1 + FFECOMP
CORRECTED
FTW
SYSTEM
CLOCK
SOURCE
Figure 114. Open-Loop Method
The system clock source provides the primary frequency, fSRC,
with a nominal value of f0. The system clock PLL, which is the
clock source to the NCO, multiplies fSRC by a constant, KPLL
(that is, fS = KPLL × fSRC). Assuming the FFE for system clock
compensation (FFECOMP) = 0 in Figure 114, the NCO produces an
output frequency, fNCO, proportional to the applied numeric
FTW (that is fNCO = fS × FTW × KNCO, where KNCO is the
proportionality constant). Therefore, express fNCO in terms of
fSRC as
fNCO = fSRC × KPLL × FTW × KNCO
The ideal (error free) fNCO is then
fNCO_IDEAL = f0 × KPLL × FTW × KNCO
where f0 is the nominal frequency of the system clock source. If
the system clock source experiences a fractional error, FFE,
fNCO = f0 × (1 + FFE) × KPLL × FTW × KNCO
Apply a fractional correction, FFECOMP, to compensate for FFE
as follows:
fNCO = f0 × (1 + FFE) × (1 + FFECOMP) × KPLL × FTW × KNCO
If FFECOMP = –FFE,
fNCO = f0 × (1 + FFE) × (1 – FFE) × KPLL × FTW × KNCO (24)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com