Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9546/PCBZ Datasheet(PDF) 174 Page - Analog Devices

Part # AD9546/PCBZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546/PCBZ Datasheet(HTML) 174 Page - Analog Devices

Back Button AD9546/PCBZ Datasheet HTML 170Page - Analog Devices AD9546/PCBZ Datasheet HTML 171Page - Analog Devices AD9546/PCBZ Datasheet HTML 172Page - Analog Devices AD9546/PCBZ Datasheet HTML 173Page - Analog Devices AD9546/PCBZ Datasheet HTML 174Page - Analog Devices AD9546/PCBZ Datasheet HTML 175Page - Analog Devices AD9546/PCBZ Datasheet HTML 176Page - Analog Devices AD9546/PCBZ Datasheet HTML 177Page - Analog Devices AD9546/PCBZ Datasheet HTML 178Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 174 of 205
Use the following formulas to verify the register value
computations, Cxʹ, closely match the desired coefficient value:
C0ʹ = C0_RegVal × 2−45
(27)
_
15
|0
_
2 xE
C
xx
x S
CC
−
≠
′
=
×
(28)
Note that there may be a slight difference between the values
produced by Equation 27 and Equation 28 and the original
coefficient values (Cx) due to quantization effects.
An example of coefficient verification follows:
C0ʹ = 35,349,513,305 × 2−45
= 1.004694 × 10−3 (compare: C0 = 1.0046936 × 10−3)
C1ʹ = −24,849 × 2−18 − 15
= −2.892804 × 10−6 (compare: C1 = −2.8927765 × 10−6)
C2ʹ = −26,265 × 2−22 − 15
= −1.911030 × 10−14 (compare: C2 = −1.9110192 × 10−7)
C3ʹ = 19,786 × 2−28 − 15
= 2.249408 × 10−9 (compare: C3 = 2.2493907 × 10−9)
C4ʹ = 31,462 × 2−35 − 15
= 2.794387 × 10−11 (compare: C4 = 2.7943570 × 10−11)
C5ʹ = −17,883 × 2−41 − 15
= −2.481765 × 10−13 (compare: C5 = −2.4817310 × 10−13)
Digital Filter
The CF1 values produced by the polynomial calculator block in
Figure 116 depend on temperature measurements (internal or
external) as an input parameter. Any noise associated with
those measurements is a potential noise source on CF1, which
can lead to a degradation of phase noise performance. To
mitigate potential noise injection by the compensation
mechanism, Compensation Method 1 employs a filter that
applies a smoothing function to the raw CF1 values.
The user controls the filter bandwidth via Bits[2:0] of
Register 0x0288 according to Table 98. The filter comprises two
collocated poles that yield a 3 dB bandwidth per Table 98.
Table 98. Digital Filter Bandwidth
Bits[2:0] (Binary)
3 dB Bandwidth (Hz)
000
156
001
78
010
39
011
20
100
10
101
5
110
2
111
1
The AD9546 automatically bypasses the digital filter under the
following conditions:
•
The system clock is unstable.
•
The difference between the input and output of the digital
filter exceeds ~125 ppm.
None of these conditions occurs during normal operation.
Thus, the filter is nearly always present.
COMPENSATION METHOD 2
Compensation Method 2 employs the closed-loop method of
system clock compensation (see the Closed-Loop Method section).
As shown in Figure 118, Compensation Method 2 makes use of
one of the DPLLx channels (where x is 0 or 1). The user must
specify which DPLL to use via Bit 0 of Register 0x0287. Logic 0
(default) selects DPLL0, and Logic 1 selects DPLL1 as the source of
CF2. CF2 embodies the factor, 1 + FFECOMP, in Figure 115.
Compensation Method 2 generates the correction factor, CF2,
which the user can apply to other NCOs and TDCs within the
AD9546. However, a compensation factor, COMPx, can be applied
to the NCO of DPLLx in Figure 118. Because it is possible for the
COMPx factor to include CF2 (see the Integrated Compensation
Subsystem section for details), the user must ensure that the NCO
of the DPLL channel selected for Compensation Method 2 is not
itself a recipient of CF2 via COMPx.
XOA
XOB
SYSTEM
CLOCK
SOURCE
fSRC
AD9546
fS
FTW
STABLE
FREQUENCY
SOURCE
FTW
ANALYZER
DPLLx
fREF
fNCO
CF2
FROM
FEEDBACK
TDC
REFERENCE
DIVIDER
AND TDC
COMPx
DIGITAL
PFD AND
LOOP
FILTER
NCO
SYSTEM
CLOCK PLL
Figure 118. Compensation Method Number 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com