Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9546/PCBZ Datasheet(PDF) 193 Page - Analog Devices

Part # AD9546/PCBZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546/PCBZ Datasheet(HTML) 193 Page - Analog Devices

Back Button AD9546/PCBZ Datasheet HTML 189Page - Analog Devices AD9546/PCBZ Datasheet HTML 190Page - Analog Devices AD9546/PCBZ Datasheet HTML 191Page - Analog Devices AD9546/PCBZ Datasheet HTML 192Page - Analog Devices AD9546/PCBZ Datasheet HTML 193Page - Analog Devices AD9546/PCBZ Datasheet HTML 194Page - Analog Devices AD9546/PCBZ Datasheet HTML 195Page - Analog Devices AD9546/PCBZ Datasheet HTML 196Page - Analog Devices AD9546/PCBZ Datasheet HTML 197Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 193 of 205
CLOCK PROPAGATION DELAY MEASUREMENT
Consider an application comprising a clock source (in) driving
additional components that introduce propagation delay (tP) to
the final output (out) signal (see Figure 129). The additional
components can be, for example, a combination of physical
interconnects (cables and PCB traces), clock buffers or other
elements that introduce propagation delay.
In applications requiring quantification of the propagation
delay between two clock signals, the TDCs in the AD9546
provide a means to measure the delay and make the result
available in digital form via serial port registers. Figure 129
shows a simplified propagation delay measurement setup using
the AD9546.
To measure propagation delay, the user connects the in and out
signals to any two of the eight independent reference clock
inputs of the AD9546. The reference clock inputs comprise the
REFx pins or one of the Mx control pins configured as an input
to one of the four auxiliary references (auxiliary REFx). Then,
using the skew measurement processor (see the Timing Skew
Measurements Using Two TDCs section), the user can read the
measurement results via the serial port, which indicates the
value of tP with approximately 1 ps resolution.
The measured value of tP can then be used by the controller to
adjust the timing of the clock source to compensate for the
delay through the clock components. By periodically measuring
tP and compensating accordingly, the user can correct for time
dependent changes in tP that may arise from temperature
variations.
DELAY
COMPONENTS
IN
OUT
REFx/Mx
SKEW
MEASUREMENT
PROCESSOR
SERIAL
PORT
CONTROLLER
AD9546
SPI/I2C
TDC
TDC
0
0
tP
CLOCK
SOURCE
DELAY ADJUST
REFx/Mx
Figure 129. Propagation Delay Measurement Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com