Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9546/PCBZ Datasheet(PDF) 194 Page - Analog Devices

Part # AD9546/PCBZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546/PCBZ Datasheet(HTML) 194 Page - Analog Devices

Back Button AD9546/PCBZ Datasheet HTML 190Page - Analog Devices AD9546/PCBZ Datasheet HTML 191Page - Analog Devices AD9546/PCBZ Datasheet HTML 192Page - Analog Devices AD9546/PCBZ Datasheet HTML 193Page - Analog Devices AD9546/PCBZ Datasheet HTML 194Page - Analog Devices AD9546/PCBZ Datasheet HTML 195Page - Analog Devices AD9546/PCBZ Datasheet HTML 196Page - Analog Devices AD9546/PCBZ Datasheet HTML 197Page - Analog Devices AD9546/PCBZ Datasheet HTML 198Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 194 of 205
TIME STAMP MEASUREMENT
The AD9546 is particularly well suited for applications
requiring the measurement of clock frequencies and clock
timing offsets. Measurement of frequency and time offset is
made possible by digitizing (time stamping) input clock edges
using TDCs. Each of the four primary reference inputs (REFA,
REFAA, REFB, REFBB) and four auxiliary reference inputs
(auxiliary REF0, auxiliary REF1, auxiliary REF2, and auxiliary
REF3) of the AD9546 has a dedicated TDC (see Figure 130).
The AD9546 embodies a user time stamp capturing system that
gives the user access to time stamps generated by the TDCs (see
the User Time Stamper (UTS) section). The UTS system
embodies nine time stamp capturing units (UTS 0 to UTS 8),
making it possible to capture time stamps from all eight input
time stamp sources (REFx and auxiliary REFx) concurrently.
The UTS system stores captured time stamps in the UTS FIFO,
which the user accesses via the serial port (see the UTS
Readback FIFO section). The FIFO has limited capacity, which
means if the time stamp arrival rate to the FIFO exceeds the
FIFO extraction rate (on average), the FIFO eventually
overflows. Because a FIFO overflow causes the FIFO to stop
accepting time stamps from the UTSs, the user must extract the
FIFO contents at an average rate that exceeds the average time
stamp arrival rate to the FIFO (otherwise, time stamps are lost).
Thus, the serial port read rate puts an upper limit on the time
stamp arrival rate to the FIFO.
REFA
TDC
REFAA
TDC
REFB
TDC
REFBB
TDC
TDC
Mx PIN
MATRIX
AUX REF0
AUX REF1
AUX REF2
AUX REF3
TDC
TDC
TDC
M0
M1
M2
M3
M4
SDO/M5
CSB/M6
DIGITAL CROSS
POINT MUX
UTS 0
UTS
FIFO
SERIAL
PORT
SPI/I2C
AD9546
TIME
STAMPS
CONTROLLER
UTS 1
UTS 2
UTS 3
UTS 4
UTS 5
UTS 6
UTS 7
UTS 8
TIME
STAMPS
UP TO 8
CLOCK INPUTS
Figure 130. Time Stamp Measurement Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com