Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2430IGN Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2430IGN
Description  20-Bit No Latency Delta-Sigma ADCs with Differential Input and Differential Reference
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2430IGN Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2430IGN Datasheet HTML 4Page - Linear Technology LTC2430IGN Datasheet HTML 5Page - Linear Technology LTC2430IGN Datasheet HTML 6Page - Linear Technology LTC2430IGN Datasheet HTML 7Page - Linear Technology LTC2430IGN Datasheet HTML 8Page - Linear Technology LTC2430IGN Datasheet HTML 9Page - Linear Technology LTC2430IGN Datasheet HTML 10Page - Linear Technology LTC2430IGN Datasheet HTML 11Page - Linear Technology LTC2430IGN Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
LTC2430/LTC2431
8
24301f
TYPICAL PERFOR A CE CHARACTERISTICS
PSRR vs Frequency at VCC
Conversion Current vs Temperature
Full-Scale Error vs VREF
VREF (V)
0
20
15
10
5
0
–5
–10
–15
–20
4
24301 G20
123
5
3.5
0.5
1.5
2.5
4.5
+FS ERROR
–FS ERROR
VCC = 5V
REF– = GND
FO = GND
VINCM = 0.5VREF
TA = 25°C
Full-Scale Error vs VCC
VCC (V)
2.7
–5
–4
–2
–1
0
5
2
3.5
4.3
4.7
24301 G21
–3
3
4
1
3.1
3.9
5.1
5.5
+FS ERROR
–FS ERROR
VREF = 2.5V
REF– = GND
FO = GND
VINCM = 0.5VREF
TA = 25°C
FREQUENCY AT VCC (Hz)
0
–140
–120
–80
–60
–40
0
20
100
140
24301 G22
–100
–20
80
180
220
200
40 60
120
160
VCC = 4.1VDC ±1.4V
REF+ = 2.5V
REF– = GND
IN+ = GND
IN– = GND
FO = GND
TA = 25°C
PSRR vs Frequency at VCC
PSRR vs Frequency at VCC
FREQUENCY AT VCC (Hz)
15170
–60
–40
0
15320
24301 G24
–80
–100
15220
15270
15370
–120
–140
–20
VCC = 4.1VDC ±0.7V
REF+ = 2.5V
REF– = GND
IN+ = GND
IN– = GND
FO = GND
TA = 25°C
TEMPERATURE (
°C)
–45
200
210
220
75
24301 G25
190
180
160
–15
15
45
–30
90
030
60
170
240
230
VCC = 5.5V
VCC = 2.7V
VCC = 5V
VCC = 3V
FO = GND
CS = GND
SCK = NC
SDO = NC
Conversion Current
vs Output Data Rate
OUTPUT DATA RATE (READINGS/SEC)
0
100
200
400
500
600
60 70 80 90
1000
24301 G26
300
10 20 30 40 50
100
700
800
900
VCC = 5V
VCC = 3V
VREF = VCC
IN+ = GND
IN– = GND
SCK = NC
SDO = NC
SDI = GND
CS = GND
FO = EXT OSC
TA = 25°C
Sleep Mode Current
vs Temperature
TEMPERATURE (
°C)
–45
0
1
3
4
5
–15
15
30
90
24301 G27
2
–30
0
45
60
75
6
VCC = 5.5V
VCC = 2.7V
VCC = 5V
VCC = 3V
FO = GND
CS = VCC
SCK = NC
SDO = NC
FREQUENCY AT VCC (Hz)
1
0
–20
–40
–60
–80
–100
–120
–140
1k
100k
24301 G23
10
100
10k
1M
VCC = 4.1VDC
REF+ = 2.5V
REF– = GND
IN+ = GND
IN– = GND
FO = GND
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com