Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2430IGN Datasheet(PDF) 32 Page - Linear Technology

Part # LTC2430IGN
Description  20-Bit No Latency Delta-Sigma ADCs with Differential Input and Differential Reference
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2430IGN Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC2430IGN Datasheet HTML 28Page - Linear Technology LTC2430IGN Datasheet HTML 29Page - Linear Technology LTC2430IGN Datasheet HTML 30Page - Linear Technology LTC2430IGN Datasheet HTML 31Page - Linear Technology LTC2430IGN Datasheet HTML 32Page - Linear Technology LTC2430IGN Datasheet HTML 33Page - Linear Technology LTC2430IGN Datasheet HTML 34Page - Linear Technology LTC2430IGN Datasheet HTML 35Page - Linear Technology LTC2430IGN Datasheet HTML 36Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
LTC2430/LTC2431
32
24301f
APPLICATIO S I FOR ATIO
INPUT FREQUENCY (Hz)
0
15 30 45 60 75 90 105 120 135 150 165 180 195 210 225 240
2431 F36
0
–20
–40
–60
–80
–100
–120
VCC = 5V
VREF = 5V
VINCM = 2.5V
FO = GND
TA = 25°C
VIN(P-P) = 5V
VIN(P-P) = 7.5V
(150% OF FULL SCALE)
INPUT FREQUENCY (Hz)
0
2431 F37
0
–20
–40
–60
–80
–100
–120
VCC = 5V
VREF = 5V
VINCM = 2.5V
FO = 5V
TA = 25°C
VIN(P-P) = 5V
VIN(P-P) = 7.5V
(150% OF FULL SCALE)
25
50
75
100
125
150
175
200
Figure 36. Measured Input Normal Mode Rejection
vs Input Frequency
Figure 37. Measured Input Normal Mode Rejection
vs Input Frequency
BRIDGE APPLICATIONS
Typical strain gauge based bridges deliver only 2mV/Volt
of excitation. As the maximum reference voltage of the
LTC2430/LTC2431 is 5V, remote sensing of applied exci-
tation without additional circuitry requires that excitation
be limited to 5V. This gives only 10mV full scale, which can
be resolved to 1 part in 3500 without averaging. For many
solid state sensors, this is comparable to the sensor. Av-
eraging 128 samples however reduces the noise level by
a factor of eight, bringing the resolving power to 1 part in
40000, comparable to better weighing systems. Hysteresis
and creep effects in the load cells are typically much greater
than this. Most applications that require strain measure-
ments to this level of accuracy are measuring slowly chang-
ing phenomena, hence the time required to average a large
number of readings is usually not an issue. For those sys-
tems that require accurate measurement of a small incre-
mental change on a significant tare weight, the lack of history
effects in the LTC2400 family is of great benefit.
For those applications that cannot be fulfilled by the
LTC2430/LTC2431 alone, compensating for error in exter-
nal amplification can be done effectively due to the “no
latency” feature of the LTC2430/LTC2431. No
latency operation allows samples of the amplifier offset
and gain to be interleaved with weighing measurements.
The use of correlated double sampling allows suppression
of 1/f noise, offset and thermocouple effects within the
bridge. Correlated double sampling involves alternating
the polarity of excitation and dealing with the reversal of
input polarity mathematically. Alternatively, bridge excita-
tion can be increased to as much as
±10V, if one of several
precision attenuation techniques is used to produce a
precision divide operation on the reference signal. An-
other option is the use of a reference within the 5V input
range of the LTC2430/LTC2431 and developing excitation
via fixed gain, or LTC1043 based voltage multiplication,
along with remote feedback in the excitation amplifiers, as
shown in Figures 43 and 45.
Figure 38 shows an example of a simple bridge connec-
tion. Note that it is suitable for any bridge application
REF+
REF–
SDO
SCK
IN+
IN–
CS
GND
VCC
FO
R1
0.1
µF10µF
0.1
µF
350
Ω
BRIDGE
2431 F38
+
R2
R1 AND R2 CAN BE USED TO INCREASE TOLERABLE AC COMPONENT ON REF SIGNALS
LT1019
LTC2430/
LTC2431
Figure 38. Simple Bridge Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com