Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2430IGN Datasheet(PDF) 28 Page - Linear Technology

Part # LTC2430IGN
Description  20-Bit No Latency Delta-Sigma ADCs with Differential Input and Differential Reference
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2430IGN Datasheet(HTML) 28 Page - Linear Technology

Back Button LTC2430IGN Datasheet HTML 24Page - Linear Technology LTC2430IGN Datasheet HTML 25Page - Linear Technology LTC2430IGN Datasheet HTML 26Page - Linear Technology LTC2430IGN Datasheet HTML 27Page - Linear Technology LTC2430IGN Datasheet HTML 28Page - Linear Technology LTC2430IGN Datasheet HTML 29Page - Linear Technology LTC2430IGN Datasheet HTML 30Page - Linear Technology LTC2430IGN Datasheet HTML 31Page - Linear Technology LTC2430IGN Datasheet HTML 32Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
LTC2430/LTC2431
28
24301f
APPLICATIO S I FOR ATIO
Figure 23. Resolution (NoiseRMS ≤ 1LSB)
vs Output Data Rate and Temperature
Figure 24. Resolution (INLRMS ≤ 1LSB)
vs Output Data Rate and Temperature
Figure 21. + FS Error vs Output Data Rate and Temperature
Figure 22. – FS Error vs Output Data Rate and Temperature
Figure 20. Offset Error vs Output Data Rate and Temperature
Figure 25. Offset Error vs Output
Data Rate and VCC
OUTPUT DATA RATE (READINGS/SEC)
0
6
8
10
80
2431 F20
4
2
5
7
9
3
1
0
20
40
60
10
90
30
50
70
100
VINCM = VREFCM
VCC = VREF = 5V
VIN = 0V
FO = EXT OSC
TA = 85°C
TA = 25°C
OUTPUT DATA RATE (READINGS/SEC)
0
–30
–25
–15
–10
–5
5
10
50
70
2431 F21
–20
0
40
90 100
20 30
60
80
VINCM = VREFCM
VCC = VREF = 5V
FO = EXT OSC
TA = 85°C
TA = 25°C
OUTPUT DATA RATE (READINGS/SEC)
0
–5
0
10
15
20
30
10
50
70
2431 F22
5
25
40
90 100
20 30
60
80
VINCM = VREFCM
VCC = VREF = 5V
FO = EXT OSC
TA = 85°C
TA = 25°C
OUTPUT DATA RATE (READINGS/SEC)
0
15
16
18
19
20
22
10
50
70
2431 F23
17
21
40
90 100
20 30
60
80
VINCM = VREFCM
VCC = VREF = 5V
VIN = 0V
FO = EXT OSC
REF– = GND
RES = LOG2 (VREF/NOISERMS)
TA = 85°C
TA = 25°C
OUTPUT DATA RATE (READINGS/SEC)
0
15
16
18
19
20
22
10
50
70
2430 F24
17
21
40
90 100
20 30
60
80
VINCM = VREFCM
VCC = VREF = 5V
FO = EXT OSC
REF– = GND
RES = LOG2(VREF/INLMAX)
TA = 85°C
TA = 25°C
OUTPUT DATA RATE (READINGS/SEC)
10
1
3
5
90
2431 F25
–1
–3
0
2
4
–2
–4
–5
30
50
70
20
0
100
40
60
80
VINCM = VREFCM
VIN = 0V
REF– = GND
FO = EXT OSC
TA = 25°C
VCC = VREF = 5V
VCC = 2.7V
VREF = 2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com