Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2430IGN Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2430IGN
Description  20-Bit No Latency Delta-Sigma ADCs with Differential Input and Differential Reference
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2430IGN Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2430IGN Datasheet HTML 10Page - Linear Technology LTC2430IGN Datasheet HTML 11Page - Linear Technology LTC2430IGN Datasheet HTML 12Page - Linear Technology LTC2430IGN Datasheet HTML 13Page - Linear Technology LTC2430IGN Datasheet HTML 14Page - Linear Technology LTC2430IGN Datasheet HTML 15Page - Linear Technology LTC2430IGN Datasheet HTML 16Page - Linear Technology LTC2430IGN Datasheet HTML 17Page - Linear Technology LTC2430IGN Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
LTC2430/LTC2431
14
24301f
+FS, the conversion result is clamped to the value corre-
sponding to the +FS + 1LSB. For differential input voltages
below –FS, the conversion result is clamped to the value
corresponding to –FS – 1LSB.
Frequency Rejection Selection (FO)
The LTC2430/LTC2431 internal oscillator provides better
than 110dB normal mode rejection at the line frequency
and all its harmonics for 50Hz
±2% or 60Hz ±2%. For
60Hz rejection, FO should be connected to GND while for
50Hz rejection the FO pin should be connected to VCC.
The selection of 50Hz or 60Hz rejection can also be made
by driving FO to an appropriate logic level. A selection
change during the sleep or data output states will not
disturb the converter operation. If the selection is made
during the conversion state, the result of the conversion in
progress may be outside specifications but the following
conversions will not be affected.
When a fundamental rejection frequency different from
50Hz or 60Hz is required or when the converter must be
synchronized with an outside source, the LTC2430 or
LTC2431 can operate with an external conversion clock.
The converter automatically detects the presence of an
external clock signal at the FO pin and turns off the internal
oscillator. The frequency fEOSC of the external signal must
be at least 5kHz to be detected. The external clock signal
duty cycle is not significant as long as the minimum and
maximum specifications for the high and low periods tHEO
and tLEO are observed.
While operating with an external conversion clock of a
frequency fEOSC, the LTC2430 or LTC2431 provides better
than 110dB normal mode rejection in a frequency range
fEOSC/2560 ±4% and its harmonics. The normal mode
rejection as a function of the input frequency deviation
from fEOSC/2560 is shown in Figure 4.
Whenever an external clock is not present at the FO pin, the
converter (LTC2430 or LTC2431) automatically activates
its internal oscillator and enters the Internal Conversion
Clock mode. Its operation will not be disturbed if the
change of conversion clock source occurs during the
sleep state or during the data output state while the con-
verter uses an external serial clock. If the change occurs
during the conversion state, the result of the conversion in
progress may be outside specifications but the following
conversions will not be affected. If the change occurs
during the data output state and the converter is in the
Internal SCK mode, the serial clock duty cycle may be
affected but the serial data stream will remain valid.
Table 3 summarizes the duration of each state and the
achievable output data rate as a function of FO.
SERIAL INTERFACE PINS
The LTC2430/LTC2431 transmit the conversion results
and receives the start of conversion command through a
synchronous 3-wire interface. During the conversion and
sleep states, this interface can be used to assess the
converter status and during the data output state it is used
to read the conversion result.
Serial Clock Input/Output (SCK)
The serial clock signal present on SCK is used to synchro-
nize the data transfer. Each bit of data is shifted out the
SDO pin on the falling edge of the serial clock.
In the Internal SCK mode of operation, the SCK pin is an
output and the converter (LTC2430 or LTC2431) creates
its own serial clock by dividing the internal conversion clock
by 8. In the External SCK mode of operation, the SCK pin
is used as input. The internal or external SCK mode is
selected on power-up and then reselected every time a
HIGH-to-LOW transition is detected at the CS pin. If SCK
Figure 4. LTC2430/LTC2431 Normal Mode Rejection When
Using an External Oscillator of Frequency fEOSC
APPLICATIO S I FOR ATIO
DIFFERENTIAL INPUT SIGNAL FREQUENCY
DEVIATION FROM NOTCH FREQUENCY fEOSC/2560(%)
–12
–8
–4
048
12
2431 F04
–80
–85
–90
–95
–100
–105
–110
–115
–120
–125
–130
–135
–140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com