Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2430IGN Datasheet(PDF) 36 Page - Linear Technology

Part # LTC2430IGN
Description  20-Bit No Latency Delta-Sigma ADCs with Differential Input and Differential Reference
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2430IGN Datasheet(HTML) 36 Page - Linear Technology

Back Button LTC2430IGN Datasheet HTML 32Page - Linear Technology LTC2430IGN Datasheet HTML 33Page - Linear Technology LTC2430IGN Datasheet HTML 34Page - Linear Technology LTC2430IGN Datasheet HTML 35Page - Linear Technology LTC2430IGN Datasheet HTML 36Page - Linear Technology LTC2430IGN Datasheet HTML 37Page - Linear Technology LTC2430IGN Datasheet HTML 38Page - Linear Technology LTC2430IGN Datasheet HTML 39Page - Linear Technology LTC2430IGN Datasheet HTML 40Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
LTC2430/LTC2431
36
24301f
The circuit shown in Figure 42 shows a more rigorous
example of Figure 41, with increased noise suppression
and more protection for remote applications.
Figure 43 shows an example of gain in the excitation circuit
and remote feedback from the bridge. The LTC1043s
provide voltage multiplication, providing
±10V from a 5V
reference with only 1ppm error. The amplifiers are used at
unity-gain and, hence, introduce a very little error due to
gain error or due to offset voltages. A 1
µV/°Coffsetvoltage
APPLICATIO S I FOR ATIO
drift translates into 0.05ppm/
°C gain error. Simpler alter-
natives, with the amplifiers providing gain using resistor
arrays for feedback, can produce results that are similar to
bridge sensing schemes via attenuators. Note that the
amplifiers must have high open-loop gain or gain error will
be a source of error. The fact that input offset voltage has
relatively little effect on overall error may lead one to use
low performance amplifiers for this application. Note that
the gain of a device such as an LF156, (25V/mV over
350
Ω
BRIDGE
0.1
µF
1
µF
15V
15V
–15V
38
14
7
4
13
12
11
10V
5V
15V
U1
LTC1043
6
2
7
4
7
4
–
+
REF+
REF–
IN+
IN–
GND
VCC
2431 F43
5V
47
µF
0.1
µF
10V
+
17
5
15
6
18
3
2
U2
LTC1043
1
µF
FILM
8
14
7
4
13
12
11
*
*
*
5V
U2
LTC1043
17
–10V
–10V
LT1236-5
1k
33
Ω
Q1
2N3904
0.1
µF
15V
–15V
–15V
3
6
2
–
+
1k
33
Ω
–10V
10V
Q2
2N3906
*FLYING CAPACITORS ARE
1
µF FILM (MKP OR EQUIVALENT)
SEE LTC1043 DATA SHEET FOR
DETAILS ON UNUSED HALF OF U1
LTC1150
LTC1150
20
Ω
200
Ω
20
Ω
200
Ω
0.1
µF
10
µF
LTC2430/
LTC2431
Figure 43. LTC1043 Provides Precise 4
× Reference for Excitation Voltages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com