Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2430IGN Datasheet(PDF) 23 Page - Linear Technology

Part # LTC2430IGN
Description  20-Bit No Latency Delta-Sigma ADCs with Differential Input and Differential Reference
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2430IGN Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC2430IGN Datasheet HTML 19Page - Linear Technology LTC2430IGN Datasheet HTML 20Page - Linear Technology LTC2430IGN Datasheet HTML 21Page - Linear Technology LTC2430IGN Datasheet HTML 22Page - Linear Technology LTC2430IGN Datasheet HTML 23Page - Linear Technology LTC2430IGN Datasheet HTML 24Page - Linear Technology LTC2430IGN Datasheet HTML 25Page - Linear Technology LTC2430IGN Datasheet HTML 26Page - Linear Technology LTC2430IGN Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
LTC2430/LTC2431
23
24301f
sampling charge transfers when integrated over a sub-
stantial time period (longer than 64 internal clock cycles).
The effect of this input dynamic current can be analyzed
using the test circuit of Figure 12. The CPAR capacitor
includes the LTC2430/LTC2431 pin capacitance (5pF typi-
cal) plus the capacitance of the test fixture used to obtain
the results shown in Figures 13 and 14. A careful imple-
mentation can bring the total input capacitance (CIN +
CPAR) closer to 5pF thus achieving better performance
than the one predicted by Figures 13 and 14. For simplic-
ity, two distinct situations can be considered.
For relatively small values of input capacitance (CIN <
0.01
µF), the voltage on the sampling capacitor settles
almost completely and relatively large values for the
source impedance result in only small errors. Such values
for CIN will deteriorate the converter offset and gain
performance without significant benefits of signal filter-
ing and the user is advised to avoid them. Nevertheless,
when small values of CIN are unavoidably present as
parasitics of input multiplexers, wires, connectors or
sensors, the LTC2430 or LTC2431 can maintain its excep-
tional accuracy while operating with relative large values
of source resistance as shown in Figures 13 and 14. These
measured results may be slightly different from the first
order approximation suggested earlier because they in-
clude the effect of the actual second order input network
together with the nonlinear settling process of the input
amplifiers. For small CIN values, the settling on IN+ and
IN– occurs almost independently and there is little benefit
in trying to match the source impedance for the two pins.
Larger values of input capacitors (CIN > 0.01µF) may be
required in certain configurations for antialiasing or gen-
eral input signal filtering. Such capacitors will average the
input sampling charge and the external source resistance
will see a quasi constant input differential impedance.
When FO = LOW (internal oscillator and 60Hz notch), the
typical differential input resistance is 21.6M
Ω which will
generate a gain error of approximately 0.023ppm for each
ohm of source resistance driving IN+ or IN–. When FO =
HIGH (internal oscillator and 50Hz notch), the typical
differential input resistance is 26M
Ω which will generate
a gain error of approximately 0.019ppm for each ohm of
source resistance driving IN+ or IN–. When FO is driven by
an external oscillator with a frequency fEOSC (external
conversion clock operation), the typical differential input
resistance is 3.3 • 1012/fEOSCΩ and each ohm of source
resistance driving IN+ or IN– will result in 0.15 • 10–6 •
fEOSCppm gain error. The effect of the source resistance on
the two input pins is additive with respect to this gain error.
APPLICATIO S I FOR ATIO
Figure 12. An RC Network at IN+ and IN–
Figure 13. +FS Error vs RSOURCE at IN+ or IN– (Small CIN)
Figure 14. –FS Error vs RSOURCE at IN
+ or IN– (Small CIN)
CIN
2431 F12
VINCM + 0.5VIN
RSOURCE
CPAR
≅20pF
CIN
VINCM – 0.5VIN
RSOURCE
CPAR
≅20pF
IN+
IN –
LTC2430/
LTC2431
RSOURCE (Ω)
1
10
100
1k
10k
100k
2431 F13
50
40
30
20
10
0
–10
VCC = 5V
VREF+ = 5V
VREF– = GND
VIN+ = 3.75V
VIN– = 1.25V
FO = GND
TA = 25°C
CIN = 0.01µF
CIN = 0pF
CIN = 0.001µF
CIN = 100pF
RSOURCE (Ω)
1
–50
–40
–30
–20
–10
0
10
10
100
1k
10k
2431 F14
100k
VCC = 5V
VREF+ = 5V
VREF– = GND
VIN+ = 1.25V
VIN– = 3.75V
FO = GND
TA = 25°C
CIN = 0.01µF
CIN = 0pF
CIN = 0.001µF
CIN = 100pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com