Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2430IGN Datasheet(PDF) 35 Page - Linear Technology

Part # LTC2430IGN
Description  20-Bit No Latency Delta-Sigma ADCs with Differential Input and Differential Reference
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2430IGN Datasheet(HTML) 35 Page - Linear Technology

Back Button LTC2430IGN Datasheet HTML 31Page - Linear Technology LTC2430IGN Datasheet HTML 32Page - Linear Technology LTC2430IGN Datasheet HTML 33Page - Linear Technology LTC2430IGN Datasheet HTML 34Page - Linear Technology LTC2430IGN Datasheet HTML 35Page - Linear Technology LTC2430IGN Datasheet HTML 36Page - Linear Technology LTC2430IGN Datasheet HTML 37Page - Linear Technology LTC2430IGN Datasheet HTML 38Page - Linear Technology LTC2430IGN Datasheet HTML 39Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
LTC2430/LTC2431
35
24301f
single variable element bridges, the nonlinearity of the half
bridge output can be eliminated completely; if the refer-
ence arm of the bridge is used as the reference to the ADC,
as shown in Figure 41. The LTC2430/LTC2431 can accept
inputs up to 1/2 VREF. Hence, the reference resistor R1
must be at least 2
× the highest value of the variable
resistor.
In the case of 100
Ω platinum RTD’s, this would suggest a
value of 800
Ω for R1. Such a low value for R1 is not
advisable due to self-heating effects. A value of 25.5k is
shown for R1, reducing self-heating effects to acceptable
levels for most sensors.
The basic circuit shown in Figure 41 shows connections
for a full 4-wire connection to the sensor, which may be
located remotely. The differential input connections will
reject induced or coupled 60Hz interference, however, the
reference inputs do not have the same rejection. If 60Hz or
other noise is present on the RTD, a low pass filter is
recommended as shown in Figure 42. Note that you
cannot place a large capacitor directly at the junction of R1
and R2, as it will store charge from the sampling process.
A better approach is to produce a low pass filter decoupled
from the input lines with a high value resistor (R3).
The use of a third resistor in the half bridge, between the
variable and fixed elements gives essentially the same
result as the two resistor version, but has a few benefits.
If, for example, a 25k reference resistor is used to set the
excitation current with a 100
Ω RTD, the negative
reference input is sampling the same external node as the
positive input, but may result in errors if used with a long
cable. For short cable applications, the errors may be
acceptably low. If instead the single 25k resistor is
replaced with a 10k 5% and a 10k 0.1% reference
resistor, the noise level introduced at the reference, at
least at higher frequencies, will be reduced. A filter can be
introduced into the network, in the form of one or more
capacitors, or ferrite beads, as long as the sampling
pulses are not translated into an error. The reference
voltage is also reduced, but this is not undesirable, as it
will decrease the value of the LSB, although, not the input
referred noise level.
APPLICATIO S I FOR ATIO
2431 F41
REF–
IN+
IN–
GND
VCC
VS
2.7V TO 5.5V
PLATINUM
100
Ω
RTD
R1
25.5k
0.1%
4
3
2
1
REF+
LTC2430/
LTC2431
Figure 41. Remote Half Bridge Interface
REF+
REF–
IN–
GND
VCC
5V
2431 F42
–
+
LTC1050
5V
PLATINUM
100
Ω
RTD
560
Ω
R3
10k
5%
R1
10k, 5%
R2
10k
0.1%
1
µF
IN+
10k
10k
4
3
2
1
LTC2430/
LTC2431
Figure 42. Remote Half Bridge Sensing with Noise Supression on Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com