Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2430IGN Datasheet(PDF) 24 Page - Linear Technology

Part # LTC2430IGN
Description  20-Bit No Latency Delta-Sigma ADCs with Differential Input and Differential Reference
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2430IGN Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC2430IGN Datasheet HTML 20Page - Linear Technology LTC2430IGN Datasheet HTML 21Page - Linear Technology LTC2430IGN Datasheet HTML 22Page - Linear Technology LTC2430IGN Datasheet HTML 23Page - Linear Technology LTC2430IGN Datasheet HTML 24Page - Linear Technology LTC2430IGN Datasheet HTML 25Page - Linear Technology LTC2430IGN Datasheet HTML 26Page - Linear Technology LTC2430IGN Datasheet HTML 27Page - Linear Technology LTC2430IGN Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
LTC2430/LTC2431
24
24301f
The typical +FS and –FS errors as a function of the sum of
the source resistance seen by IN+ and IN– for large values
of CIN are shown in Figure 15.
In addition to this gain error, an offset error term may also
appear. The offset error is proportional with the mismatch
between the source impedance driving the two input pins
IN+ and IN– and with the difference between the input and
reference common mode voltages. While the input drive
circuit nonzero source impedance combined with the
converter average input current will not degrade the INL
performance, indirect distortion may result from the modu-
lation of the offset error by the common mode component
of the input signal. Thus, when using large CIN capacitor
values, it is advisable to carefully match the source imped-
ance seen by the IN+ and IN– pins. When FO = LOW
(internal oscillator and 60Hz notch), every 1
Ω mismatch
in source impedance transforms a full-scale common
mode input signal into a differential mode input signal of
0.023ppm. When FO = HIGH (internal oscillator and 50Hz
notch), every 1
Ω mismatch in source impedance trans-
forms a full-scale common mode input signal into a
differential mode input signal of 0.019ppm. When FO is
driven by an external oscillator with a frequency fEOSC,
every 1
Ω mismatch in source impedance transforms a
full-scale common mode input signal into a differential
mode input signal of 0.15 • 10–6 • fEOSCppm. Figure 16
shows the typical offset error due to input common mode
voltage for various values of source resistance imbalance
between the IN+ and IN– pins when large CIN values are
used.
If possible, it is desirable to operate with the input signal
common mode voltage very close to the reference signal
common mode voltage as is the case in the ratiometric
measurement of a symmetric bridge. This configuration
eliminates the offset error caused by mismatched source
impedances.
The magnitude of the dynamic input current depends upon
the size of the very stable internal sampling capacitors and
upon the accuracy of the converter sampling clock. The
accuracy of the internal clock over the entire temperature
and power supply range is typically better than 1%. Such
APPLICATIO S I FOR ATIO
Figure 15a. + FS Error vs RSOURCE at IN+ or IN– (Large CIN)
Figure 15b. – FS Error vs RSOURCE at IN
+ or IN– (Large CIN)
RSOURCE (Ω)
0
10
15
800
2431 F15a
5
0
200
400 500
1000
20
600
100
300
900
700
CIN = 0.01µF
CIN = 0.1µF
CIN = 1µF, 10µF
VCC = 5V
VREF+ = 5V
VREF– = GND
VIN+ = 3.75V
VIN– = 1.25V
FO = GND
TA = 25°C
RSOURCE (Ω)
0
–10
–5
800
2431 F15b
–15
–20
200
400 500
1000
0
600
100
300
900
700
CIN = 0.01µF
CIN = 0.1µF
CIN = 1µF, 10µF
VCC = 5V
VREF+ = 5V
VREF– = GND
VIN+ = 1.25V
VIN– = 3.75V
FO = GND
TA = 25°C
Figure 16. Offset Error vs Common Mode Voltage
(VINCM = VIN+ = VIN–) and Input Source Resistance Imbalance
(
∆RIN = RSOURCEIN+ – RSOURCEIN–) for Large CIN Values (CIN ≥ 1µF)
VINCM (V)
0
0
20
4
–20
–40
1
2
2.5
5
40
A
B
C
D
E
F
G
3
0.5
1.5
4.5
3.5
VCC = 5V
VREF+ = 5V
VREF– = GND
VIN+ = VIN– = VINCM
FO = GND
RSOURCEIN– = 500Ω
CIN = 10µF
TA = 25°C
2431 F16
A:
∆RIN = +1k
B:
∆RIN = +500Ω
C:
∆RIN = +200Ω
D:
∆RIN = 0Ω
E:
∆RIN = –200Ω
F:
∆RIN = –500Ω
G:
∆RIN = –1k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com