Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2430IGN Datasheet(PDF) 21 Page - Linear Technology

Part # LTC2430IGN
Description  20-Bit No Latency Delta-Sigma ADCs with Differential Input and Differential Reference
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2430IGN Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC2430IGN Datasheet HTML 17Page - Linear Technology LTC2430IGN Datasheet HTML 18Page - Linear Technology LTC2430IGN Datasheet HTML 19Page - Linear Technology LTC2430IGN Datasheet HTML 20Page - Linear Technology LTC2430IGN Datasheet HTML 21Page - Linear Technology LTC2430IGN Datasheet HTML 22Page - Linear Technology LTC2430IGN Datasheet HTML 23Page - Linear Technology LTC2430IGN Datasheet HTML 24Page - Linear Technology LTC2430IGN Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
LTC2430/LTC2431
21
24301f
low power sleep state. The part remains in the sleep state
a minimum amount of time (1/2 the internal SCK period)
then immediately begins outputting data. The data output
cycle begins on the first rising edge of SCK and ends after
the 24th rising edge. Data is shifted out the SDO pin on
each falling edge of SCK. The internally generated serial
clock is output to the SCK pin. This signal may be used
to shift the conversion result into external circuitry. EOC
can be latched on the first rising edge of SCK and the last
bit of the conversion result can be latched on the 24th
rising edge of SCK. After the 24th rising edge, SDO goes
HIGH (EOC = 1) indicating a new conversion is in progress.
SCK remains HIGH during the conversion.
PRESERVING THE CONVERTER ACCURACY
The LTC2430/LTC2431 are designed to reduce as much as
possible the conversion result sensitivity to device
decoupling, PCB layout, antialiasing circuits, line fre-
quency perturbations and so on. Nevertheless, in order to
preserve the extreme accuracy capability of this part,
some simple precautions are desirable.
Digital Signal Levels
The LTC2430/LTC2431’s digital interface is easy to use.
The digital inputs (FO, CS and SCK in External SCK mode
of operation) accept standard TTL/CMOS logic levels and
the internal hysteresis receivers can tolerate edge rates as
slow as 100
µs.However,someconsiderationsarerequired
to take advantage of the exceptional accuracy and low
supply current of this converter.
The digital output signals (SDO and SCK in Internal SCK
mode of operation) are less of a concern because they are
not generally active during the conversion state.
While a digital input signal is in the range 0.5V to
(VCC – 0.5V), the CMOS input receiver draws additional
current from the power supply. It should be noted that,
when any one of the digital input signals (FO, CS and SCK
in External SCK mode of operation) is within this range,
the LTC2430/LTC2431 power supply current may in-
crease even if the signal in question is at a valid logic level.
For micropower operation, it is recommended to drive all
digital input signals to full CMOS levels [VIL < 0.4V and
VOH > (VCC – 0.4V)].
During the conversion period, the undershoot and/or
overshoot of a fast digital signal connected to the LTC2430/
LTC2431 pins may severely disturb the analog to digital
conversion process. Undershoot and overshoot can oc-
cur because of the impedance mismatch at the converter
pin when the transition time of an external control signal
is less than twice the propagation delay from the driver to
LTC2430/LTC2431. For reference, on a regular FR-4 board,
signal propagation velocity is approximately 183ps/inch
for internal traces and 170ps/inch for surface traces.
Thus, a driver generating a control signal with a minimum
transition time of 1ns must be connected to the converter
pin through a trace shorter than 2.5 inches. This problem
becomes particularly difficult when shared control lines
are used and multiple reflections may occur. The solution
is to carefully terminate all transmission lines close to
their characteristic impedance.
Parallel termination near the LTC2430/LTC2431 pin will
eliminate this problem but will increase the driver power
dissipation. A series resistor between 27
Ω and 56Ω
placed near the driver or near the LTC2431 pin will also
eliminate this problem without additional power dissipa-
tion. The actual resistor value depends upon the trace
impedance and connection topology.
An alternate solution is to reduce the edge rate of the
control signals. It should be noted that using very slow
edges will increase the converter power supply current
during the transition time. The differential input and refer-
ence architecture reduce substantially the converter’s
sensitivity to ground currents.
Particular attention must be given to the connection of the
FO signal when the converter (LTC2430 or LTC2431) is
used with an external conversion clock. This clock is active
during the conversion time and the normal mode rejection
provided by the internal digital filter is not very high at this
frequency. A normal mode signal of this frequency at the
converter reference terminals may result into DC gain and
INL errors. A normal mode signal of this frequency at the
converter input terminals may result into a DC offset error.
Such perturbations may occur due to asymmetric capaci-
tive coupling between the FO signal trace and the converter
input and/or reference connection traces. An immediate
solution is to maintain maximum possible separation
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com