Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2430IGN Datasheet(PDF) 31 Page - Linear Technology

Part # LTC2430IGN
Description  20-Bit No Latency Delta-Sigma ADCs with Differential Input and Differential Reference
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2430IGN Datasheet(HTML) 31 Page - Linear Technology

Back Button LTC2430IGN Datasheet HTML 27Page - Linear Technology LTC2430IGN Datasheet HTML 28Page - Linear Technology LTC2430IGN Datasheet HTML 29Page - Linear Technology LTC2430IGN Datasheet HTML 30Page - Linear Technology LTC2430IGN Datasheet HTML 31Page - Linear Technology LTC2430IGN Datasheet HTML 32Page - Linear Technology LTC2430IGN Datasheet HTML 33Page - Linear Technology LTC2430IGN Datasheet HTML 34Page - Linear Technology LTC2430IGN Datasheet HTML 35Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
LTC2430/LTC2431
31
24301f
Traditional high order delta-sigma modulators, while pro-
viding very good linearity and resolution, suffer from
potential instabilities at large input signal levels. The pro-
prietary architecture used for the LTC2430/LTC2431 third
order modulator resolves this problem and guarantees a
predictable stable behavior at input signal levels of up to
150% of full scale. In many industrial applications, it is
not uncommon to have to measure microvolt level sig-
nals superimposed over volt level perturbations and
LTC2430/LTC2431 are eminently suited for such tasks.
When the perturbation is differential, the specification of
interest is the normal mode rejection for large input sig-
nal levels. With a reference voltage VREF = 5V, the
LTC2430/LTC2431 have a full-scale differential input range
of 5V peak-to-peak. Figures 36 and 37 show measure-
ment results for the LTC2430/LTC2431 normal mode re-
jection ratio with a 7.5V peak-to-peak (150% of full scale)
input signal superimposed over the more traditional nor-
mal mode rejection ratio results obtained with a 5V peak-
to-peak (full scale) input signal. It is clear that the LTC2430/
LTC2431 rejection performance is maintained with no
compromises in this extreme situation. When operating
with large input signal levels, the user must observe that
such signals do not violate the device absolute maximum
ratings.
APPLICATIO S I FOR ATIO
INPUT SIGNAL FREQUENCY (Hz)
2431 F32
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
fN
0
2fN 3fN 4fN 5fN 6fN 7fN 8fN
Figure 32. Input Normal Mode Rejection
INPUT SIGNAL FREQUENCY (Hz)
250fN 252fN 254fN 256fN 258fN 260fN 262fN
2431 F33
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
Figure 33. Input Normal Mode Rejection
INPUT FREQUENCY (Hz)
0
15 30 45 60 75 90 105 120 135 150 165 180 195 210 225 240
2431 F34
0
–20
–40
–60
–80
–100
–120
VCC = 5V
VREF = 5V
VINCM = 2.5V
VIN(P-P) = 5V
FO = GND
TA = 25°C
MEASURED DATA
CALCULATED DATA
Figure 34. Input Normal Mode Rejection vs Input Frequency
Figure 35. Input Normal Mode Rejection vs Input Frequency
INPUT FREQUENCY (Hz)
0
25
50
75
100
125
150
175
200
2431 F35
0
–20
–40
–60
–80
–100
–120
VCC = 5V
VREF = 5V
VINCM = 2.5V
VIN(P-P) = 5V
FO = 5V
TA = 25°C
MEASURED DATA
CALCULATED DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com