Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2430IGN Datasheet(PDF) 18 Page - Linear Technology

Part # LTC2430IGN
Description  20-Bit No Latency Delta-Sigma ADCs with Differential Input and Differential Reference
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2430IGN Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC2430IGN Datasheet HTML 14Page - Linear Technology LTC2430IGN Datasheet HTML 15Page - Linear Technology LTC2430IGN Datasheet HTML 16Page - Linear Technology LTC2430IGN Datasheet HTML 17Page - Linear Technology LTC2430IGN Datasheet HTML 18Page - Linear Technology LTC2430IGN Datasheet HTML 19Page - Linear Technology LTC2430IGN Datasheet HTML 20Page - Linear Technology LTC2430IGN Datasheet HTML 21Page - Linear Technology LTC2430IGN Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
LTC2430/LTC2431
18
24301f
Figure 7. External Serial Clock, CS = 0 Operation
Figure 8. Internal Serial Clock, Single Cycle Operation
APPLICATIO S I FOR ATIO
EOC
BIT 23
SDO
SCK
(EXTERNAL)
CS
MSB
SIG
BIT 0
LSB
BIT 19
BIT 18
BIT 20
BIT 21
BIT 22
DATA OUTPUT
CONVERSION
2431 F07
CONVERSION
VCC
FO
REF+
REF–
SCK
IN+
IN–
SDO
GND
CS
REFERENCE
VOLTAGE
0.1V TO VCC
ANALOG INPUT RANGE
–0.5VREF TO 0.5VREF
2-WIRE I/O
1
µF
2.7V TO 5.5V
= 50Hz REJECTION
= EXTERNAL OSCILLATOR
= 60Hz REJECTION
VCC
LTC2430/
LTC2431
SDO
SCK
(INTERNAL)
CS
MSB
SIG
BIT 0
LSB
TEST EOC
BIT 19
BIT 18
BIT 20
BIT 21
BIT 22
EOC
BIT 23
SLEEP
SLEEP
TEST EOC
(OPTIONAL)
DATA OUTPUT
CONVERSION
CONVERSION
2431 F08
<tEOCtest
VCC
10k
Hi-Z
Hi-Z
Hi-Z
Hi-Z
VCC
FO
REF+
REF–
SCK
IN+
IN–
SDO
GND
CS
REFERENCE
VOLTAGE
0.1V TO VCC
ANALOG INPUT RANGE
–0.5VREF TO 0.5VREF
3-WIRE
SPI INTERFACE
1
µF
2.7V TO 5.5V
LTC2430/
LTC2431
= 50Hz REJECTION
= EXTERNAL OSCILLATOR
= 60Hz REJECTION
VCC
TEST EOC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com