Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2430IGN Datasheet(PDF) 22 Page - Linear Technology

Part # LTC2430IGN
Description  20-Bit No Latency Delta-Sigma ADCs with Differential Input and Differential Reference
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2430IGN Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC2430IGN Datasheet HTML 18Page - Linear Technology LTC2430IGN Datasheet HTML 19Page - Linear Technology LTC2430IGN Datasheet HTML 20Page - Linear Technology LTC2430IGN Datasheet HTML 21Page - Linear Technology LTC2430IGN Datasheet HTML 22Page - Linear Technology LTC2430IGN Datasheet HTML 23Page - Linear Technology LTC2430IGN Datasheet HTML 24Page - Linear Technology LTC2430IGN Datasheet HTML 25Page - Linear Technology LTC2430IGN Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
LTC2430/LTC2431
22
24301f
between the FO signal trace and the input/reference sig-
nals. When the FO signal is parallel terminated near the
converter, substantial AC current is flowing in the loop
formed by the FO connection trace, the termination and the
ground return path. Thus, perturbation signals may be
inductively coupled into the converter input and/or refer-
ence. In this situation, the user must reduce to a minimum
the loop area for the FO signal as well as the loop area for
the differential input and reference connections.
Driving the Input and Reference
The input and reference pins of the converter (LTC2430 or
LTC2431) are directly connected to a network of sampling
capacitors. Depending upon the relation between the dif-
ferential input voltage and the differential reference volt-
age, these capacitors are switching between these four
pins transfering small amounts of charge in the process.
A simplified equivalent circuit is shown in Figure 11.
For a simple approximation, the source impedance RS
driving an analog input pin (IN+, IN–, REF+ or REF–) can be
considered to form, together with RSW and CEQ (see
Figure 11), a first order passive network with a time
constant
τ = (RS + RSW) • CEQ. The converter is able to
sample the input signal with better than 1ppm accuracy if
the sampling period is at least 14 times greater than the
input circuit time constant
τ. The sampling process on the
four input analog pins is quasi-independent so each time
constant should be considered by itself and, under worst-
case circumstances, the errors may add.
When using the internal oscillator (FO = LOW or HIGH), the
LTC2430/LTC2431’s front-end switched-capacitor net-
work is clocked at 76800Hz corresponding to a 13
µs
sampling period. Thus, for settling errors of less than
1ppm, the driving source impedance should be chosen
such that
τ ≤13µs/14 = 920ns. When an external oscillator
of frequency fEOSC is used, the sampling period is 2/fEOSC
and, for a settling error of less than 1ppm,
τ ≤ 0.14/fEOSC.
Input Current
If complete settling occurs on the input, conversion re-
sults will be unaffected by the dynamic input current. An
incomplete settling of the input signal sampling process
may result in gain and offset errors, but it will not degrade
the INL performance of the converter. Figure 11 shows the
mathematical expressions for the average bias currents
flowing through the IN+ and IN– pins as a result of the
APPLICATIO S I FOR ATIO
Figure 11. LTC2430/LTC2431 Equivalent Analog Input Circuit
VREF+
VIN+
VCC
RSW (TYP)
20k
ILEAK
ILEAK
VCC
ILEAK
ILEAK
VCC
RSW (TYP)
20k
CEQ
6pF
(TYP)
RSW (TYP)
20k
ILEAK
IIN+
VIN–
IIN–
IREF+
IREF–
2431 F11
ILEAK
VCC
ILEAK
ILEAK
SWITCHING FREQUENCY
fSW = 76800Hz INTERNAL OSCILLATOR (FO = LOW OR HIGH)
fSW = 0.5 • fEOSC EXTERNAL OSCILLATOR
VREF–
RSW (TYP)
20k
IIN
VV
V
R
IIN
VV
V
R
IREF
VV
V
R
V
VR
I REF
VV
V
R
V
VR
WHERE
AVG
IN
INCM
REFCM
EQ
AVG
IN
INCM
REFCM
EQ
AVG
REF
INCM
REFCM
EQ
IN
REF
EQ
AVG
REF
INCM
REFCM
EQ
IN
REF
EQ
+
−
+
−
() = +−
•
() = −+ −
•
() = •− +
•
−
•
() = −• − +
•
+
•
05
05
15
05
15
05
2
2
.
.
.
.
.
.
::
.
.
./
V
REF
REF
V
REF
REF
VIN
IN
V
IN
IN
R
M
INTERNAL OSCILLATOR
Hz Notch F
LOW
R
M
INTERNAL OSCILLATOR
Hz Notch F
HIGH
R
f
EXTERNAL OSCILLATOR
REF
REFCM
IN
INCM
EQ
O
EQ
O
EQ
EOSC
=−
=
+
=−
=
−
==
()
==
()
=•
()
+−
+−
+−
+−
2
2
43 2
60
52 0
50
666 1012
Ω
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com