Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2430IGN Datasheet(PDF) 16 Page - Linear Technology

Part # LTC2430IGN
Description  20-Bit No Latency Delta-Sigma ADCs with Differential Input and Differential Reference
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2430IGN Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC2430IGN Datasheet HTML 12Page - Linear Technology LTC2430IGN Datasheet HTML 13Page - Linear Technology LTC2430IGN Datasheet HTML 14Page - Linear Technology LTC2430IGN Datasheet HTML 15Page - Linear Technology LTC2430IGN Datasheet HTML 16Page - Linear Technology LTC2430IGN Datasheet HTML 17Page - Linear Technology LTC2430IGN Datasheet HTML 18Page - Linear Technology LTC2430IGN Datasheet HTML 19Page - Linear Technology LTC2430IGN Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
LTC2430/LTC2431
16
24301f
EOC
BIT 23
SDO
SCK
(EXTERNAL)
CS
TEST EOC
LSB
MSB
SIG
BIT 0
BIT 19
BIT 18
BIT 20
BIT 21
BIT 22
SLEEP
SLEEP
TEST EOC
DATA OUTPUT
CONVERSION
2431 F05
CONVERSION
Hi-Z
Hi-Z
Hi-Z
TEST EOC
VCC
FO
REF+
REF–
SCK
IN+
IN–
SDO
GND
CS
REFERENCE
VOLTAGE
0.1V TO VCC
ANALOG INPUT RANGE
–0.5VREF TO 0.5VREF
1
µF
2.7V TO 5.5V
LTC2430/
LTC2431
3-WIRE
SPI INTERFACE
= 50Hz REJECTION
= EXTERNAL OSCILLATOR
= 60Hz REJECTION
VCC
TEST EOC
Table 4. LTC2430/LTC2431 Interface Timing Modes
Conversion
Data
Connection
SCK
Cycle
Output
and
Configuration
Source
Control
Control
Waveforms
External SCK, Single Cycle Conversion
External
CS and SCK
CS and SCK
Figures 5, 6
External SCK, 2-Wire I/O
External
SCK
SCK
Figure 7
Internal SCK, Single Cycle Conversion
Internal
CS
↓
CS
↓
Figures 8, 9
Internal SCK, 2-Wire I/O, Continuous Conversion
Internal
Continuous
Internal
Figure 10
The serial clock mode is selected on the falling edge of CS.
To select the external serial clock mode, the serial clock pin
(SCK) must be LOW during each CS falling edge.
The serial data output pin (SDO) is Hi-Z as long as CS is
HIGH. At any time during the conversion cycle, CS may be
pulled LOW in order to monitor the state of the converter.
While CS is pulled LOW, EOC is output to the SDO pin.
EOC = 1 while a conversion is in progress and EOC = 0 if
the conversion is over. With CS HIGH, the device auto-
matically enters the low power sleep state once the con-
version is complete.
When CS is low, the device enters the data output mode.
The result is held in the internal static shift register until
the first SCK rising edge is seen while CS is LOW. Data is
shifted out the SDO pin on each falling edge of SCK. This
enables external circuitry to latch the output on the rising
edge of SCK. EOC can be latched on the first rising edge
of SCK and the last bit of the conversion result can be
latched on the 24th rising edge of SCK. On the 24th falling
edge of SCK, the device begins a new conversion. SDO
goes HIGH (EOC = 1) indicating a conversion is in progress.
At the conclusion of the data cycle, CS may remain LOW
and EOC monitored as an end-of-conversion interrupt.
Alternatively, CS may be driven HIGH setting SDO to Hi-Z.
As described above, CS may be pulled LOW at any time in
order to monitor the conversion status.
Typically, CS remains LOW during the data output state.
However, the data output state may be aborted by pulling
CS HIGH anytime between the first rising edge and the 24th
falling edge of SCK, see Figure 6. On the rising edge of CS,
APPLICATIO S I FOR ATIO
Figure 5. External Serial Clock, Single Cycle Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com