Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2430IGN Datasheet(PDF) 40 Page - Linear Technology

Part # LTC2430IGN
Description  20-Bit No Latency Delta-Sigma ADCs with Differential Input and Differential Reference
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2430IGN Datasheet(HTML) 40 Page - Linear Technology

Back Button LTC2430IGN Datasheet HTML 32Page - Linear Technology LTC2430IGN Datasheet HTML 33Page - Linear Technology LTC2430IGN Datasheet HTML 34Page - Linear Technology LTC2430IGN Datasheet HTML 35Page - Linear Technology LTC2430IGN Datasheet HTML 36Page - Linear Technology LTC2430IGN Datasheet HTML 37Page - Linear Technology LTC2430IGN Datasheet HTML 38Page - Linear Technology LTC2430IGN Datasheet HTML 39Page - Linear Technology LTC2430IGN Datasheet HTML 40Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 40 / 40 page
background image
LTC2430/LTC2431
40
24301f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2002
LT/TP 0303 2K • PRINTED IN USA
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT
®1019
Precision Bandgap Reference, 2.5V, 5V
3ppm/
°C Drift, 0.05% Max Initial Accuracy
LT1025
Micropower Thermocouple Cold Junction Compensator
80
µA Supply Current, 0.5°C Initial Accuracy
LTC1050
Precision Chopper Stabilized Op Amp
No External Components 5
µV Offset, 1.6µVP-P Noise
LT1236A-5
Precision Bandgap Reference, 5V
0.05% Max Initial Accuracy, 5ppm/
°C Drift
LT1460
Micropower Series Reference
0.075% Max Initial Accuracy, 10ppm/
°C Max Drift
LT1790
Micropower SOT23 Low Dropout Reference Family
0.05% Max Initial Accuracy, 10ppm/
°C Max Drift
LTC2400
24-Bit, No Latency
∆Σ ADC in SO-8
0.3ppm Noise, 4ppm INL, 10ppm Total Unadjusted Error, 200
µA
LTC2401/LTC2402
1-/2-Channel, 24-Bit, No Latency
∆Σ ADC in MSOP
0.6ppm Noise, 4ppm INL, 10ppm Total Unadjusted Error, 200
µA
LTC2404/LTC2408
4-/8-Channel, 24-Bit, No Latency
∆Σ ADC
0.3ppm Noise, 4ppm INL, 10ppm Total Unadjusted Error, 200
µA
LTC2410
24-Bit, Fully Differential, No Latency
∆Σ ADC
0.16ppm Noise, 2ppm INL, 10ppm Total Unadjusted Error, 200
µA
LTC2411
24-Bit, Fully Differential, No Latency
∆Σ ADC in MS10
0.29ppm Noise, 2ppm INL, 10ppm Total Unadjusted Error, 200
µA
LTC2413
24-Bit, Fully Differential, No Latency
∆Σ ADC
Simultaneous 50Hz and 60Hz Rejection, 800nVRMS Noise
LTC2414/LTC2418
8-/16-Channel 24-Bit Differential, No Latency
∆Σ ADC
0.2ppm Noise, 2ppm INL, 10ppm Total Unadjusted Error
LTC2415
24-Bit, No Latency
∆Σ ADC with 15Hz Output Rate
Pin Compatible with the LTC2410
LTC2420
20-Bit, No Latency
∆Σ ADC in SO-8
1.2ppm Noise, 8ppm INL, Pin Compatible with LTC2400
LTC2421/LTC2422
1-/2-Channel, 20-Bit, No Latency
∆Σ ADC in MSOP-10
1.2ppm Noise, Low Power 2.7V to 5.5V Supply, 200
µA
LTC2424/LTC2428
4-/8-Channel, 20-Bit, No Latency
∆Σ ADC
1.2ppm Noise, Pin Compatible with LTC2404/LTC2408
LTC2440
24-Bit, High Speed, Low Noise
∆Σ ADC
200nVRMS Noise, 4000Hz Output Rate
TYPICAL APPLICATIO
Figure 46. Complete 20-Bit Data Acquisition System in 0.1 inch2
VCC
FO
64
12
REF+
REF–
SCK
IN+
IN–
SDO
GND
CS
ANALOG INPUT RANGE
–0.5VREF TO 0.5VREF
THE LT1790 IS AVAILABLE WITH 1.25V, 2.048V, 2.5V, 3V, 3.3V, 4.096V AND 5V OUTPUTS
THE LTC2431 MAY BE POWERED BY THE LT1790 3V, 3.3V, 4.096V AND 5V VERSIONS
3-WIRE
SPI INTERFACE
0.1
µF
0.1
µF
LTC2431
24301 TA05
4.7
µF
= INTERNAL OSC/50Hz REJECTION
= EXTERNAL CLOCK SOURCE
= INTERNAL OSC/60Hz REJECTION
VCC
LT1790
LT1790
VOUT
SUPPLY VOLTAGE RANGE:
(VOUT + 0.25V) TO 20V
Relative Size of Components



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com