Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2430IGN Datasheet(PDF) 15 Page - Linear Technology

Part # LTC2430IGN
Description  20-Bit No Latency Delta-Sigma ADCs with Differential Input and Differential Reference
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2430IGN Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC2430IGN Datasheet HTML 11Page - Linear Technology LTC2430IGN Datasheet HTML 12Page - Linear Technology LTC2430IGN Datasheet HTML 13Page - Linear Technology LTC2430IGN Datasheet HTML 14Page - Linear Technology LTC2430IGN Datasheet HTML 15Page - Linear Technology LTC2430IGN Datasheet HTML 16Page - Linear Technology LTC2430IGN Datasheet HTML 17Page - Linear Technology LTC2430IGN Datasheet HTML 18Page - Linear Technology LTC2430IGN Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
LTC2430/LTC2431
15
24301f
Table 3. LTC2430/LTC2431 State Duration
State
Operating Mode
Duration
CONVERT
Internal Oscillator
FO = LOW
133ms, Output Data Rate
≤ 7.5 Readings/s
(60Hz Rejection)
FO = HIGH
160ms, Output Data Rate
≤ 6.2 Readings/s
(50Hz Rejection)
External Oscillator
FO = External Oscillator
20510/fEOSCs, Output Data Rate ≤ fEOSC/20510 Readings/s
with Frequency fEOSC kHz
(fEOSC/2560 Rejection)
SLEEP
As Long As CS = HIGH
DATA OUTPUT
Internal Serial Clock
FO = LOW/HIGH
As Long As CS = LOW But Not Longer Than 1.25ms
(Internal Oscillator)
(24 SCK cycles)
FO = External Oscillator with
As Long As CS = LOW But Not Longer Than 192/fEOSCms
Frequency fEOSC kHz
(24 SCK cycles)
External Serial Clock with
As Long As CS = LOW But Not Longer Than 24/fSCKms
Frequency fSCK kHz
(24 SCK cycles)
is HIGH or floating at power-up or during this transition, the
converter enters the internal SCK mode. If SCK is LOW at
power-up or during this transition, the converter enters the
external SCK mode.
Serial Data Output (SDO)
The serial data output pin, SDO, provides the result of the
last conversion as a serial bit stream (MSB first) during the
data output state. In addition, the SDO pin is used as an end
of conversion indicator during the conversion and sleep
states.
When CS is HIGH, the SDO driver is switched to a high
impedance state. This allows sharing the serial interface
with other devices. If CS is LOW during the convert or
sleep state, SDO will output EOC. If CS is LOW during the
conversion phase, the EOC bit appears HIGH on the SDO
pin. Once the conversion is complete, EOC goes LOW.
Chip Select Input (CS)
The active LOW chip select, CS, is used to test the
conversion status and to enable the data output transfer as
described in the previous sections.
In addition, the CS signal can be used to trigger a new
conversion cycle before the entire serial data transfer has
been completed. The converter (LTC2430 or LTC2431)
will abort any serial data transfer in progress and start a
new conversion cycle anytime a LOW-to-HIGH transition
is detected at the CS pin after the converter has entered the
data output state (i.e., after the first rising edge of SCK
occurs with CS = LOW).
Finally, CS can be used to control the free-running modes
of operation, see Serial Interface Timing Modes section.
Grounding CS will force the ADC to continuously convert
at the maximum output rate selected by FO.
SERIAL INTERFACE TIMING MODES
The LTC2430/LTC2431’s 3-wire interface is SPI and
MICROWIRE compatible. This interface offers several
flexible modes of operation. These include internal/exter-
nal serial clock, 2- or 3-wire I/O, single cycle conversion.
The following sections describe each of these serial inter-
face timing modes in detail. In all these cases, the
converter can use the internal oscillator (FO = LOW or FO
= HIGH) or an external oscillator connected to the FO pin.
Refer to Table 4 for a summary.
External Serial Clock, Single Cycle Operation
(SPI/MICROWIRE Compatible)
This timing mode uses an external serial clock to shift out
the conversion result and a CS signal to monitor and
control the state of the conversion cycle, see Figure 5.
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com