Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2430IGN Datasheet(PDF) 33 Page - Linear Technology

Part # LTC2430IGN
Description  20-Bit No Latency Delta-Sigma ADCs with Differential Input and Differential Reference
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2430IGN Datasheet(HTML) 33 Page - Linear Technology

Back Button LTC2430IGN Datasheet HTML 29Page - Linear Technology LTC2430IGN Datasheet HTML 30Page - Linear Technology LTC2430IGN Datasheet HTML 31Page - Linear Technology LTC2430IGN Datasheet HTML 32Page - Linear Technology LTC2430IGN Datasheet HTML 33Page - Linear Technology LTC2430IGN Datasheet HTML 34Page - Linear Technology LTC2430IGN Datasheet HTML 35Page - Linear Technology LTC2430IGN Datasheet HTML 36Page - Linear Technology LTC2430IGN Datasheet HTML 37Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
LTC2430/LTC2431
33
24301f
where measurement speed is not of the utmost impor-
tance. For many applications where large vessels are
weighed, the average weight over an extended period of
time is of concern and short term weight is not readily
determined due to movement of contents, or mechanical
resonance. Often, large weighing applications involve load
cells located at each load bearing point, the output of
which can be summed passively prior to the signal pro-
cessing circuitry, actively with amplification prior to the
ADC, or can be digitized via multiple ADC channels and
summed mathematically. The mathematical summation
of the output of multiple LTC2430/LTC2431’s provide the
benefit of a root square reduction in noise. The low power
consumption of the LTC2430/LTC2431 make it attractive
for multidrop communication schemes where the ADC is
located within the load-cell housing.
A direct connection to a load cell is perhaps best incorpo-
rated into the load-cell body, as minimizing the distance to
the sensor largely eliminates the need for protection
devices, RFI suppression and wiring. The LTC2430/
LTC2431 exhibit extremely low temperature dependent
drift. As a result, exposure to external ambient tempera-
ture ranges does not compromise performance. The in-
corporation of any amplification considerably complicates
thermal stability, as input offset voltages and currents,
temperature coefficient of gain settling resistors all be-
come factors.
The circuit in Figure 39 shows an example of a simple
amplification scheme. This example produces a differen-
tial output with a common mode voltage of 2.5V, as
determined by the bridge. The use of a true three amplifier
instrumentation amplifier is not necessary, as the LTC2430/
LTC2431 have common mode rejection far beyond that of
most amplifiers. The LTC1051 is a dual autozero amplifier
that can be used to produce a gain of 10 before its input
referred noise dominates the LTC2430/LTC2431 noise.
This example shows a gain of 34, that is determined by a
feedback network built using a resistor array containing
eight individual resistors. The resistors are organized to
optimize temperature tracking in the presence of thermal
gradients. The second LTC1051 buffers the low noise
input stage from the transient load steps produced during
conversion.
The gain stability and accuracy of this approach is very
good, due to a statistical improvement in resistor match-
ing due to individual error contribution being reduced. A
gain of 34 may seem low, when compared to common
APPLICATIO S I FOR ATIO
0.1
µF
8
0.1
µF
0.1
µF
REF+
REF–
SDO
SCK
IN+
IN–
CS
GND
VCC
FO
5VREF
350
Ω
BRIDGE
2431 F39
RN1 = 5k
× 8 RESISTOR ARRAY
U1A, U1B, U2A, U2B = 1/2 LTC1051
–
+
3
2
8
4
U1A
4
5V
+
–
6
5
RN1
1
16
15
2
611
7
1
14
3
710
4
13
89
512
U1B
–
+
2
3
U2A
5V
1
–
+
6
5
U2B
7
LTC2430/
LTC2431
Figure 39. Using Autozero Amplifiers to Reduce Input Referred Noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com