Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2430IGN Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2430IGN
Description  20-Bit No Latency Delta-Sigma ADCs with Differential Input and Differential Reference
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2430IGN Datasheet(HTML) 1 Page - Linear Technology

  LTC2430IGN Datasheet HTML 1Page - Linear Technology LTC2430IGN Datasheet HTML 2Page - Linear Technology LTC2430IGN Datasheet HTML 3Page - Linear Technology LTC2430IGN Datasheet HTML 4Page - Linear Technology LTC2430IGN Datasheet HTML 5Page - Linear Technology LTC2430IGN Datasheet HTML 6Page - Linear Technology LTC2430IGN Datasheet HTML 7Page - Linear Technology LTC2430IGN Datasheet HTML 8Page - Linear Technology LTC2430IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
LTC2430/LTC2431
1
24301f
The LTC
®2430/LTC2431 are 2.7V to 5.5V micropower
20-bit differential
∆Σ analog-to-digital converters with an
integrated oscillator, 3ppm INL and 0.56ppm RMS noise.
They use delta-sigma technology and provide single cycle
settling time for multiplexed applications. Through a
single pin, the LTC2430/LTC2431 can be configured for
better than 110dB differential mode rejection at 50Hz or
60Hz
±2%, or they can be driven by an external oscillator
for a user-defined rejection frequency. The internal oscil-
lator requires no external frequency setting components.
The converters accept any external differential reference
voltage from 0.1V to VCC for flexible ratiometric and
remote sensing measurement configurations. The full-
scale differential input range is from – 0.5VREF to 0.5VREF.
The reference common mode voltage, VREFCM, and the
input common mode voltage, VINCM, may be indepen-
dently set anywhere within GND to VCC. The DC common
mode input rejection is better than 120dB.
The LTC2430/LTC2431 communicate through a flexible
3-wire digital interface that is compatible with SPI and
MICROWIRE
TM protocols.
s
Direct Sensor Digitizer
s
Weight Scales
s
Direct Temperature Measurement
s
Gas Analyzers
s
Strain Gauge Transducers
s
Instrumentation
s
Data Acquisition
s
Industrial Process Control
s
DVMs and Meters
, LTC and LT are registered trademarks of Linear Technology Corporation.
s
Low Supply Current (200
µA in Conversion Mode
and 4
µA in Autosleep Mode)
s
Differential Input and Differential Reference
with GND to VCC Common Mode Range
s
3ppm INL, No Missing Codes
s
10ppm Full-Scale Error and 1ppm Offset
s
0.56ppm Noise, 20.8 ENOBs
s
No Latency: Digital Filter Settles in a Single Cycle.
Each Conversion Is Accurate, Even After an
Input Step
s
Single Supply 2.7V to 5.5V Operation
s
Internal Oscillator—No External Components
Required
s
110dB Min, 50Hz/60Hz Notch Filter
s
Pin Compatible with 24-Bit LTC2410/LTC2411
20-Bit No Latency
∆ΣTM ADCs
with Differential Input and
Differential Reference
No Latency
∆Σ is a trademark of Linear Technology Corporation.
MICROWIRE is a trademark of National Semiconductor Corporation.
VCC
FO
64
12
REF+
REF–
SCK
IN+
IN–
SDO
GND
CS
ANALOG INPUT RANGE
–0.5VREF TO 0.5VREF
3-WIRE
SPI INTERFACE
0.1
µF
0.1
µF
LTC2431
24301 TA01
4.7
µF
= INTERNAL OSC/50Hz REJECTION
= EXTERNAL CLOCK SOURCE
= INTERNAL OSC/60Hz REJECTION
VCC
LT1790
(VOUT + 0.25V) TO 20V
VOUT
3V TO 5V
DESCRIPTIO
FEATURES
APPLICATIO S
TYPICAL APPLICATIO S
INPUT VOLTAGE (V)
–2.5
1
3
5
1.5
24301 G01
–1
–3
0
2
4
–2
–4
–5
–1.5
–2
–0.5
–1
0.5
1
2
0
2.5
VCC = 5V
VREF = 5V
VINCM = VINCM = 2.5V
FO = GND
85
°C
25
°C
–45
°C
Total Unadjusted Error
(VCC = 5V, VREF = 5V)


Similar Part No. - LTC2430IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2430 LINER-LTC2430_15 Datasheet
460Kb / 40P
20-Bit No Latency ADCs with Differential Input and Differential Reference
More results

Similar Description - LTC2430IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2410 LINER-LTC2410 Datasheet
778Kb / 44P
24-Bit No Latency ADC with Differential Input and Differential Reference
LTC2435 LINER-LTC2435 Datasheet
463Kb / 40P
20-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2415 LINER-LTC2415 Datasheet
591Kb / 40P
24-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2415 LINER-LTC2415_15 Datasheet
601Kb / 40P
24-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2415-1 LINER-LTC2415-1_15 Datasheet
601Kb / 40P
24-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2430 LINER-LTC2430_15 Datasheet
460Kb / 40P
20-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2431 LINER-LTC2431_15 Datasheet
460Kb / 40P
20-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2435 LINER-LTC2435_15 Datasheet
645Kb / 42P
20-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2435-1 LINER-LTC2435-1_15 Datasheet
645Kb / 42P
20-Bit No Latency ADCs with Differential Input and Differential Reference
LTC2410 LINER-LTC2410_15 Datasheet
673Kb / 48P
24-Bit No Latency ADC with Differential Input and Differential Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com