Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17843ACB Datasheet(PDF) 55 Page - Maxim Integrated Products

Part # MAX17843ACB
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843ACB Datasheet(HTML) 55 Page - Maxim Integrated Products

Back Button MAX17843ACB Datasheet HTML 51Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 52Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 53Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 54Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 55Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 56Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 57Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 58Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 59Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 131 page
background image
Data Characters
Each data character contains a single-nibble (4-bit) pay-
load, so two characters must be transmitted for each byte
of data. All data is transmitted least-significant bit, least-
significant nibble, and least-significant byte first. The data
itself is Manchester encoded, which means that each data
bit is followed by its complement. If the UART detects a
Manchester-encoding error in any received data character,
it will set the ALRTMAN bit in the STATUS register.
The parity is even, which means that the parity bit’s value
should always result in an even number of logic-one bits in
the character. Given that the data is Manchester encoded
and that there are two stop bits, the parity bit for data char-
acters is always transmitted as a logic-zero. If the UART
detects a parity error in any received data character it sets
the ALRTPAR bit in the STATUS register.
See Table 22 for a list of data characters and Figure 33 for
a graphical representation.
Table 22. Data Character
Figure 33. Data Characters
BIT
NAME
SYMBOL
DESCRIPTION
1
Start
S
First bit in character, always logic-zero
2
Data0
—
Least-significant bit of data nibble (true)
3
Data0/
—
Least-significant bit of data nibble (inverted)
4
Data1
—
Data bit 1 (true)
5
Data1/
—
Data bit 1 (inverted)
6
Data2
—
Data bit 2 (true)
7
Data2/
—
Data bit 2 (inverted)
8
Data3
—
Most-significant bit of data nibble (true)
9
Data3/
—
Most-significant bit of data nibble (inverted)
10
Parity
E
Always logic-zero (even parity)
11
Stop
P
Always logic-one
12
Stop
P
Last bit in character, always logic-one
IDLE
DISABLE
S
0
0
1
1
0
1
0
1
E = 0 P
P
OPTIONAL
IDLE
OPTIONAL
IDLE
0
0
0
0
DATA NIBBLE = 0h
S
0
1
1
0
0
1
1
0
E = 0 P
P
OPTIONAL
IDLE
OPTIONAL
IDLE
0
1
0
1
DATA NIBBLE = Ah
IDLE
DISABLE
IDLE
ENABLE
IDLE
ENABLE
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com