Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17843ACB Datasheet(PDF) 38 Page - Maxim Integrated Products

Part # MAX17843ACB
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843ACB Datasheet(HTML) 38 Page - Maxim Integrated Products

Back Button MAX17843ACB Datasheet HTML 34Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 35Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 36Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 37Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 38Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 39Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 40Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 41Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 42Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 131 page
background image
Scan Modes
The cell, block, and diagnostic-measurement cycle con-
sists of two conversion phases. In each phase, the ADC
scans through the enabled input channels. There are
two scan modes configured by the SCANMODE bit. If
SCANMODE = 0, the mode is pyramid mode, as shown
in Figure 16. If SCANMODE = 1, the mode is top-down
mode. In pyramid mode, the ADC scans first ascending
and then descending. In top-down mode, the ADC scans
descending in both phases. In the second scan, the
amplifier inputs are inverted to effectively chop out any
offset and reference-induced errors. The two conversions
are then offset corrected and averaged in the ALU.
After the cell and block scans are complete, the diag-
nostic conversions are made, if enabled, and finally, the
auxiliary inputs, if enabled, are converted. The auxiliary
inputs are measured using a single conversion and stored
in the AIN1 and AIN2 registers. Any extra settling time, if
configured by AINCFG[5:0], is implemented just before
the conversion for each AUXIN channel, so if both inputs
are enabled, the extra settling time occurs twice.
Figure 16. Acquisition, OVSAMP[2:0]=0h and SCANMODE=0
Figure 17. Acquisition, OVSAMP[2:0] > 0 and SCANMODE=0
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com