Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17843ACB Datasheet(PDF) 31 Page - Maxim Integrated Products

Part # MAX17843ACB
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843ACB Datasheet(HTML) 31 Page - Maxim Integrated Products

Back Button MAX17843ACB Datasheet HTML 27Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 28Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 29Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 30Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 31Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 32Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 33Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 34Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 35Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 131 page
background image
Die Temperature Measurement
The die temperature measurement allows the host to
compute the device temperature (TDIE) as it relates to
the acquisition accuracy, and allows the device to auto-
matically shut itself down when TDIE > 145°C. The mea-
surement employs a source whose voltage (VPTAT) is
proportional to absolute temperature (PTAT), as shown in
Figure 10. The VPTAT measurement is enabled by setting
DIAGSEL[2:0] to 0b110 and the 14-bit measurement is
stored in DIAG[15:2]. The die temperature measurement
requires a settling time of 50µs from the start of the mea-
surement cycle until the diagnostic conversion. As long as
two or more cell measurements are enabled, there will be
sufficient settling time for this measurement. See Figure 17
and Table 10 for a detailed view of this timing.
The PTAT voltage is computed as follows:
VPTAT = (DIAG[15:2]/16384d) x VREF
where VREF = 2.307V. The measured voltage can be
converted into °C as follows:
TDIE (in °C) = (VPTAT/AV_PTAT) + TOS_PTAT - 273°C
See the Electrical Characteristics table for AV_PTAT and
TOS_PTAT values.
Die Temperature Alert
The ALRTTEMP bit is updated at the end of each mea-
surement cycle for which DIAGSEL[2:0] = 0b110. If
ALRTTEMP is set, it signifies that TDIE > TALRTTEMP, or
that the diagnostic measurement did not have sufficient
settling time (< 50μs) and therefore can not be accurate. If
ALRTTEMP is set, the host should consider the possibility
that the acquisition does not meet the expected accuracy
specification, or that the die temperature measurement
itself may be inaccurate due to insufficient settling time
(< 2 cell measurements enabled).
Figure 10. Die Temperature Measurement
+
LV
MUX
ADC
VREF
VTHRM
-
AGND
+
-
+
-
VPTAT
ALRTEMP
+
-
1.230V
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com