Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17843ACB Datasheet(PDF) 30 Page - Maxim Integrated Products

Part # MAX17843ACB
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843ACB Datasheet(HTML) 30 Page - Maxim Integrated Products

Back Button MAX17843ACB Datasheet HTML 26Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 27Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 28Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 29Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 30Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 31Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 32Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 33Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 34Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 131 page
background image
THRM Output
The THRM output has two modes of operation, automatic
and manual, as shown in Table 5.
The automatic mode minimizes power consumption, but
after the THRM output is enabled, the AUXIN voltages
must be allowed to settle before the conversion. Since the
auxiliary inputs are the last inputs measured, the duration
of the measurement cycle itself can provide sufficient set-
tling time, depending on what measurements are enabled
and the time constants for the auxiliary input circuit. Up
to 384μs of additional settling time, if required, can be
configured by ACQCFG[5:0] (see Table 6), or by utilizing
the manual mode. The ability to configure the settling time
allows for a range of time constants to be considered in
designing the auxiliary application circuit.
Computing Temperature
In Figure 9, VAUXINn = VTHRM x RTH/(10KΩ + RTH)
and this measurement is stored in the AINn register. The
thermistor resistance can then be solved for as follows:
RTH = (VAUX x 10kΩ)/(VTHRM - VAUXINn),
where VTHRM = 3.3V nominally.
The resistance of an NTC thermistor increases as the
temperature decreases and is typically specified by its
resistance R0 at T0 = 25°C = 298.15K and a material
constant β (3400K typ). To the first order, the resistance
RTH is at a temperature T in Kelvin can be computed as
follows:
R = R0e(β(1/T-1/T0))
The temperature T of the thermistor (in °C) can then be
calculated as follows:
T (in °C) = (β/ln((RTH/10kΩ) +
(β/298.15K)) - 273.15K
Temperature Alerts
Auxiliary voltage measurements can be directly compared
to precalculated voltages in the AINUT and AINOT reg-
isters that correspond to specific over/undertemperature
thresholds. When a measurement exceeds the AINUT
or AINOT threshold level, the ALRTCOLD or ALRTHOT
bits, respectively, are set in the STATUS register. An
alert is cleared only by a new measurement that is within
threshold.
Table 5. THRM Output
Table 6. AINTIME
MODE
ACQCFG[9:8]
DESCRIPTION
Automatic
00b
THRM output enabled at the beginning of the acquisition and disabled at the end
of the acquisition.
01b
Manual
10b
THRM output is enabled
11b
THRM output is disabled
ACQCFG[5:0] (AINTIME)
ADDITIONAL SETTLING TIME PER ENABLED AUXILIARY
CHANNEL = 6µs + (AINTIME x 6µs)
00h
6μs
01h
12μs
02h
18μs
…
…
1Fh
384 μs
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com