Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17843ACB Datasheet(PDF) 59 Page - Maxim Integrated Products

Part # MAX17843ACB
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843ACB Datasheet(HTML) 59 Page - Maxim Integrated Products

Back Button MAX17843ACB Datasheet HTML 55Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 56Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 57Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 58Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 59Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 60Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 61Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 62Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 63Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 131 page
background image
Battery-Management
UART Protocol Commands
HELLOALL Command
The purpose of the HELLOALL command is to initialize the
device addresses of all daisy-chained devices. The device
address is stored in the DA[4:0] bits of the ADDRESS reg-
ister. The highest address possible is 0x1F, so a maximum
of 32 devices can be addressed. The command must be
issued after POR to reinitialize all device addresses.
When the HELLOALL command is first sent by the host,
the address specified in the HELLOALL command is
stored to the DA[4:0] bits of the ADDRESS register in the
first daisy-chained device. The command is then forward-
ed to the next device in the chain, with the DA[4:0] bits of
the address byte incremented by 1, as shown in Table 27.
This continues in the upstack direction for each device.
The downstack communication path does not increment
the address. The advantage of the host choosing a first
address of 0x00 is that it is not necessary to write the first
address FA[4:0] to all the devices since the default value
of FA[4:0] is 0x00.
Note: The host should set the first
address so that no assigned device address increments
from 0x1F to 0x00 during the HELLOALL command.
The DA[4:0] value returned to the host is one greater
than the address assigned to the last device. Once this
last address is known, the host can determine how many
devices are in the daisy-chain, which is required for sub-
sequent READALL commands. A READALL command
should be used to verify the ADDRESS registers.
Special considerations exist if the host desires to use
internal loopback instead of external loopback. The
first HELLOALL command is not returned to the host
because the internal loopback bit for the top device has
not yet been written. If the number of devices is known
to the host, the host can use a WRITEDEVICE to set the
internal loopback bit on the last device and then verify
with a READALL command. If the number of devices is
unknown, the internal loopback bit must be set on the first
device, verified, and then cleared. It can then be set on
the second device and verified, and so on incrementally
until there is no response (end of stack). With the number
of devices known, the loopback bit can be reset on the
last device and all ADDRESS registers verified.
When a device receives a valid HELLOALL command, it
clears the ADDRUNLOCK bit of the DEVCFG1 register.
When this bit is 0, HELLOALL commands are ignored to
prevent inadvertently changing any device address. To
reconfigure the device address, the ADDRUNLOCK bit
must first be set to 1, or a POR event must occur. After
configuring the device addresses, they should be verified
using the READALL or ROLLCALL commands.
Table 27. HELLOALL Sequencing (z = Total Number of Devices)
HOST TX
DEVICE (n) RXL
DEVICE (n) TXU
HOST RX
Preamble
Preamble
Preamble
Preamble
57h
57h
57h
57h
00h
00h
00h
00h
{0b000,ADDR[4:0]}
{0b000,ADDR[4:0]+n-1}
{0b000,ADDR[4:0]+n}
{0b000,ADDR[4:0]+z}
Stop
Stop
Stop
Stop
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com