Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17843ACB Datasheet(PDF) 48 Page - Maxim Integrated Products

Part # MAX17843ACB
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843ACB Datasheet(HTML) 48 Page - Maxim Integrated Products

Back Button MAX17843ACB Datasheet HTML 44Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 45Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 46Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 47Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 48Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 49Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 50Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 51Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 52Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 131 page
background image
Shutdown Mode
Shutdown is performed by bringing VSHDNL < 0.6V.
Table 20 summarizes the methods by which this can be
achieved.
The quickest shutdown can be achieved by driving
SHDNL externally with a driver pulldown impedance not
exceeding 1kΩ. If SHDNL is not driven externally, the
host can discharge CSHDNL under software control by
setting the FORCEPOR bit. This will enable a pulldown
(4.7kΩ nominal) to discharge the capacitor with a 4.7μs
time constant.
The slowest method is for the host to simply cease
communication. With the UART idle, there is no charge
pumping and the capacitor discharges through an internal
10MΩ resistor, with a 10ms time constant. If shutdown
faster than 10ms is desired when power is disconnected
from the device, a 200kΩ resistor can be connected
externally from SHDNL to AGND to create a 200μs time
constant.
If only a reset is required, the host can issue a soft-reset
by setting the SPOR bit. This resets the device registers
and disables high-voltage operation, but low-voltage
operation remains enabled (the regulator is not disabled).
Note: For single-ended communication, SHDNL must
be driven externally since the charge-pump operation
requires a differential signal.
Shutdown Sequence
The shutdown sequence and timing is shown in Figure 25,
Figure 26, and Figure 27. The ALRTSHDNL status bit is
set and the low-voltage regulator disabled as soon as
VSHNDL < 0.6V. When the VAA and VDDL decoupling
capacitors discharge below the POR threshold (2.95V
typ), the device registers are reset and the HV charge
pump disabled. The device is then in an ultra-low-power
state until VSHDNL > 1.8V.
Figure 25. Shutdown Sequence
Table 20. Shutdown Timing
SHUTDOWN METHOD
RPULLDOWN
CSHDNL
RC
1. Host drives SHDNL pin low
1kΩ
External
1nF
1µs
2. Host sets FORCEPOR bit
5kΩ
Internal
5µs
3. Disconnect DCIN
200kΩ
External
200µs
4. Host places UART in idle mode
10MΩ
Internal
10,000µs
POR ACTIVE
VAA > VPOR_RISING
POR INACTIVE
CHECK VAA
VAA < VPOR_FALLING
OSCILLATOR, CHARGE
PUMP, DIGITAL LOGIC
DISABLED
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com