Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17843ACB Datasheet(PDF) 45 Page - Maxim Integrated Products

Part # MAX17843ACB
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843ACB Datasheet(HTML) 45 Page - Maxim Integrated Products

Back Button MAX17843ACB Datasheet HTML 41Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 42Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 43Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 44Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 45Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 46Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 47Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 48Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 49Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 131 page
background image
HV Charge Pump
The high-voltage multiplexers must be powered by a sup-
ply higher than any monitored voltage. To this end, an
internal charge pump draws power from the DCIN input
to provide a high-voltage supply (VHV) that is regulated to
VDCIN + 5.5V (nominal). When the charge pump achieves
regulation, charge pumping stops until the voltage drops
by 20mV. The charge pump is automatically disabled
during shutdown and during the measurement cycle to
eliminate charge-pump noise. The charge pump can also
be disabled manually by setting the HVCPDIS bit in the
DEVCFG2 register.
If VHV–VDCIN drops below VHVUV, the HV undervoltage
flag (ALRTHVUV) is set. If VHV drops too low relative to
the C12 input, there is insufficient headroom to guarantee
that HVMUX switch resistance is sufficiently low for an
accurate acquisition of the channel. To properly identify
this fault condition, if VHV–VC12 is too low during the
acquisition, the HV headroom-alert flag (ALRTHVHDRM)
is set in the FMEA2 register. The HV undervoltage and
HV headroom-alert functions can be verified by disabling
the HV charge pump (HVCPDIS = 1) and allowing VHV
to decay while in acquisition mode. An overvoltage com-
parator disables the charge pump in the case where VHV–
VDCIN exceeds 8.5V. This condition is indicated by the
ALRTHVOV bit in the FMEA2 register. The ALRTHVOV
alert does not necessarily indicate a condition that affects
measurement accuracy. HV charge-pump diagnostics are
summarized in Table 18.
Table 18. HV Charge-Pump Diagnostics
Figure 22. HV Charge Pump
FAULT
CONDITION
ALERT BIT
LOCATION
VHV undervoltage
VHV–VDCIN < VHVUV
ALRTHVUV
FMEA1[3]
VHV overvoltage
VHV–VDCIN > VHVOV
ALRTHVOV
FMEA2[0]
VHV low headroom
VHV–VC12 < VHVHDRM (min.)
ALRTHVHDRM
FMEA2[2]
MAX17843
HV
CDCIN
CCP
15MA
+
CHV
SWITCH
LOGIC
+
-
5.5V
RDCIN
20MV
HYST.
INTERNAL POR/
TO ALRTHVUV
+
-
4.1V
32KHZ
MEASURING
DISABLE
DEVCFG2.
HVCPDIS
DISABLE
HVOV
TO ALRTHVOV
HVOV
+
-
8.5V
RHV
CPP
DCIN
CPN
AGND
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com