Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17843ACB Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # MAX17843ACB
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843ACB Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MAX17843ACB Datasheet HTML 13Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 14Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 15Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 16Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 17Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 18Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 19Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 20Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 21Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 131 page
background image
(VDCIN = +48V, TA = TMIN to TMAX, unless otherwise noted, where TMIN = -40°C and TMAX =+125°C. Typical values are at TA = +25°C.
Operation is with the recommended application circuit.) (Note 5)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Level-Shifting Amplifier
Offset (Note 10)
VOS_LSAMP DIAGSEL[2:0] = 011b,
OVSAMPL[2:0] = 011b
-200
+200
mV
VAA Diagnostic ADC1
Measurement Accuracy
VDIAG_
VAAERR1
DIAGSEL[2:0] = 010b, OVSAMPL[2:0]
= 011b, ADCSELECT = 0
-20
+20
mV
VAA Diagnostic ADC2
Measurement Accuracy
VDIAG_
VAAERR2
DIAGSEL[2:0] = 010b, OVSAMPL[2:0]
= 011b, ADCSELECT = 1
-30
+30
mV
SHDNL INPUT AND CHARGE PUMP
Input Low Voltage
VIL_SHDNL
0.55
V
Input High Voltage
VIH_SHDNL
1.8
V
Regulated Voltage
VSHDNLIMIT
VDCIN ≥ 12V
8
9.5
12
V
VDCIN = 9V
6.7
V
Pulldown Resistance
RFORCEPOR FORCEPOR = 1
2.5
4.7
8
kΩ
SHDNL Input Leakage
Resistance
RSHDNL
4.5
20.5
MΩ
Charge-Pump Current
(Note 11)
ISHDNL
VSHDNL < VSHDNLIMIT,
baud rate = 2Mbps
15
117
350
µA
GENERAL-PURPOSE I/O (GPIO0–GPIO3)
Input Low Voltage
VIL_GPIO
0.8
V
Input High Voltage
VIH_GPIO
2.4
V
Pulldown Resistance
RGPIO
GPIO[15:12] = 0h (input)
0.5
2
7.5
MΩ
Output Low Voltage
VOL_GPIO
ISINK = 3mA
0.4
V
Output High Voltage
VOH_GPIO
ISOURCE = 3mA
VDDL1 - 0.4
V
REGULATOR
Output Voltage
VAA
0 ≤ IVAA < 10mA
3.2
3.3
3.4
V
Short-Circuit Current
IAASC
VAA shorted to AGND
10
20
70
mA
POR Threshold
VPORFALL
VAA falling
2.85
2.95
3.02
V
VPORRISE
VAA rising
3.0
3.1
V
POR Hysteresis
VPORHYS
40
mV
Thermal-Shutdown
Temperature (Note 9)
TSHDN
Temperature rising
165
°C
Thermal-Shutdown
Hysteresis (Note 9)
THYS
10
°C
HV CHARGE PUMP
Output Voltage (VHV-VDCIN)
VHV-DCIN
9V ≤ VDCIN ≤ 12V, ILOAD = 1.5mA
5
5.5
6
V
12V ≤ VDCIN ≤ 65V, ILOAD = 3mA
5
5.5
6
Charge Pump Efficiency
(Note 12)
38
%
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 17
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com