Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17843ACB Datasheet(PDF) 92 Page - Maxim Integrated Products

Part # MAX17843ACB
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843ACB Datasheet(HTML) 92 Page - Maxim Integrated Products

Back Button MAX17843ACB Datasheet HTML 88Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 89Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 90Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 91Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 92Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 93Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 94Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 95Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 96Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 131 page
background image
UART Interface
The UART pins also employ both internal and external cir-
cuits to protect against noise. The recommended external
filters are shown in Figure 62. ESD protection is shown in
Figure 64 and Figure 65.
High-Z Idle Mode
The high-Z idle mode lowers radiated emissions from wire
harnesses by minimizing the charging and discharging of
the AC-coupling capacitors when entering and exiting the
idle mode. The application circuit shown in Figure 63 uses
a weak resistor-divider to bias the TX lines to VDDL during
the high-Z idle period and pnp transistor clamps to limit
the maximum voltage at the TX pins during high noise
injection. The resistor-divider and pnp clamps are not
needed for applications utilizing only the low-Z mode. The
low-Z and high-Z idle modes both exhibit a similar immu-
nity to noise injection. Low-Z mode may be preferred for
ports driving inductive loads to minimize ringing.
Figure 62. UART Connection
TXLN
TXLP
R44
47Ω
R45
47Ω
C50
2.2nF 600V
C51
2.2nF 600V
C52
15pF
C53
15pF
R52
100kΩ
R53
100kΩ
DAISY-CHAIN
DEVICE (n)
DAISY-CHAIN
DEVICE (n-1)
SIGNAL TRACES
OR WIRE
HARNESS
TXUN
TXUP
R50
47Ω
R51
47Ω
RXLN
RXLP
C42
2.2nF
600V
C43
2.2nF
600V
C40
15pF
C41
15pF
R42
100kΩ
R43
100kΩ
SIGNAL TRACES
OR WIRE
HARNESS
R54
1.5kΩ
R55
1.5kΩ
R40
1.5kΩ
R41
1.5kΩ
GNDL
RXUP
RXUN
GNDL
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com