Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17843ACB Datasheet(PDF) 84 Page - Maxim Integrated Products

Part # MAX17843ACB
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843ACB Datasheet(HTML) 84 Page - Maxim Integrated Products

Back Button MAX17843ACB Datasheet HTML 80Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 81Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 82Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 83Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 84Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 85Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 86Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 87Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 88Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 131 page
background image
ALU Diagnostic
TheALU diagnostic utilizes theADC test mode (ADCTSTEN
= 1) to feed data from specific test registers directly into
the ALU instead of from the ADC conversion. The host
can write different data combinations to the test registers
in this mode to provide test coverage for all ALU and data
registers (CELLn, VBLKP, DIAG, and AUXINn), as well as
all alerts that are based on the measurement data and the
corresponding thresholds (e.g., overvoltage alerts).
The ADCTEST1n registers are used for all odd-numbered
samples in oversampling mode, as well as in single-sample
acquisitions. The ADCTEST2n registers are used for all
even-numbered samples (in oversampling mode). The A
registers are used in lieu of the first conversion of each
measurement and the B registers are used in lieu of the
second conversion. After the acquisition, the host can read
the measurement data registers and the alert registers and
compare the data to expected values to verify the ALU
functionality.
Figure 55. ALU Diagnostic
ADC
BLOCK ALU
ALU1
ALUn
ALU12
ALU REGISTERS
VBLOCK
REGISTER
CELL1 REGISTER
CELLn REGISTER
CELL12
REGISTER
USER REGISTER MAP
DATAMOVE
TRIGGER
ADC IN -
ADC IN +
12
12
ADCTSTEN
12
14
14
14
14
ADCTEST1A[11:0]
12
ADCTEST1B[11:0]
12
12
ADC_CHOP
ADCTEST2A[11:0]
12
ADCTEST2B[11:0]
12
OVSAMP_EVEN_ODD
UART COMMUNICATION
AIN2 REGISTER
AIN1 REGISTER
12
12
DIAG ALU
DIAG REGISTER
14
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com