Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17843ACB Datasheet(PDF) 39 Page - Maxim Integrated Products

Part # MAX17843ACB
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843ACB Datasheet(HTML) 39 Page - Maxim Integrated Products

Back Button MAX17843ACB Datasheet HTML 35Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 36Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 37Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 38Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 39Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 40Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 41Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 42Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 43Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 131 page
background image
Acquisition Time
The total acquisition time can be calculated by summing all the required processes, as shown in Table 10 and Table 11.
There is one measurement cycle per oversample.
Table 10. Acquisition Time
Table 11. Acquisition Time Examples (with AINCFG[5:0] = 00h)
PROCESS
TIME (µs)
CONDITION
FREQUENCY
Initialization
13
Always
Once per acquisition
VBLKP measurement
27
If VBLKP is enabled
Every measurement cycle
Cell scan setup
12.5
If cell input(s) enabled and VBLKP enabled
20
If cell input(s) enabled and VBLKP disabled
Cell scans
9 x n
For n = Number of enabled cell inputs
Diagnostic
measurement
(if enabled)
11.4
If zero-scale ADC output diagnostic enabled
11.4
If full-scale ADC output diagnostic enabled
86.2
If VALTREF diagnostic enabled
86.2
If die temperature diagnostic enabled
22.9
If any other diagnostic mode enabled
AUXIN measurement
(if enabled)
10
If AUXIN1 is enabled
Once per acquisition
6µs x AINCFG[5:0]
10
If AUXIN2 is enabled
6µs x AINCFG[5:0]
HV recovery (if
oversampling enabled)
100.3 x m
For m = Number of oversamples
After every measurement
cycle except the last
ENABLED MEASUREMENTS
NO OVERSAMPLING
FOUR OVERSAMPLES
EIGHT OVERSAMPLES
12 cells
141.0µs
825.9µs
1739.1µs
12 cells, VBLKP
160.5µs
903.9µs
1895.1µs
12 cells, AUXIN1 and AUXIN2
161.0µs
845.9µs
1759.1µs
12 cells, VBLKP, AUXIN1 and AUXIN2
180.5µs
923.9µs
1915.1µs
12 cells, VBLKP, die temperature, AUXIN1
and AUXIN2
266.7µs
1268.7µs
2604.7µs
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com