Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17843ACB Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX17843ACB
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843ACB Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX17843ACB Datasheet HTML 14Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 15Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 16Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 17Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 18Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 19Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 20Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 21Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 131 page
background image
(VDCIN = +48V, TA = TMIN to TMAX, unless otherwise noted, where TMIN = -40°C and TMAX =+125°C. Typical values are at TA = +25°C.
Operation is with the recommended application circuit.) (Note 5)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
HV Headroom
VHVHDRM
ALRTHVHDRM = 0
4.7
V
OSCILLATORS
32kHz Oscillator Frequency
fOSC_32K
32.11
32.768
33.42
kHz
16MHz Oscillator Frequency
fOSC_16M
15.68
16
16.32
MHz
DIAGNOSTIC TEST SOURCES
Cell-Test Source Current
ITSTCn
CTSTDAC[3:0] = 9h,
VCn < VAA - 1.4V, VAA = 3.3V
50
62.5
75
µA
CTSTDAC[3:0] = 6h,
VCn < VAA - 1.4V, VAA = 3.3V
36
45
54
CTSTDAC[3:0] = 6h,
VCn > VAGND + 1.4V
-54
-45
-36
CTSTDAC[3:0] = 9h,
VCn > VAGND + 1.4V
-75
-62.5
-50
HVMUX Test-Source
Current
ITSTMUX
CTSTDAC[3:0] = 9h,
VCn < VHV - 1.4V, VHV = 53.5V
25
31.25
37.5
µA
CTSTDAC[3:0] = 6h,
VCn < VHV - 1.4V, VHV = 53.5V
18
22.5
27
AUXIN Test-Source Current
ITSTAUXIN
CTSTDAC[3:0] = 9h,
VAUXINn < VAA - 1.4V, VAA = 3.3V
50
62.5
75
µA
CTSTDAC[3:0] = 6h,
VAUXINn < VAA - 1.4V, VAA = 3.3V
36
45
54
CTSTDAC[3:0] = 6h,
VAUXINn > VAGND + 1.4V
-54
-45
-36
CTSTDAC[3:0] = 9h,
VAUXINn > VAGND + 1.4V
-75
-62.5
-50
DIAGNOSTIC REFERENCES
ALTREF Voltage (Note 10)
VALTREF
DIAGSEL[2:0] = 001b
1.23
1.242
1.254
V
ALTREF Temperature
Coefficient (ΔVALTREF/ΔT)
(Note 9)
AALTREF
±25
ppm/°C
PTAT Output Voltage
(Note 9)
VPTAT
TJ = +120°C
1.2
V
PTAT Temperature
Coefficient (ΔVPTAT/ΔT)
(Note 9)
AV_PTAT
3.07
mV/°C
PTAT Temperature Offset
(Note 9)
TOS_PTAT
0
°C
ALERTS
ALRTVDDLn Threshold
VVDDL_OC VAA = 3.3V
3
3.15
3.25
V
ALRTGNDLn Threshold
VGNDL_OC AGND = 0V
0.05
0.15
0.3
V
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 18
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com