Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17843ACB Datasheet(PDF) 43 Page - Maxim Integrated Products

Part # MAX17843ACB
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843ACB Datasheet(HTML) 43 Page - Maxim Integrated Products

Back Button MAX17843ACB Datasheet HTML 39Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 40Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 41Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 42Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 43Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 44Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 45Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 46Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 47Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 131 page
background image
The host should periodically update CBTIMER to ensure
that it does not count down to zero. If the countdown
timer is allowed to reach zero, the cell-balancing switches
are disabled until the timer is either disabled or refreshed
by writing a nonzero value.
To allow timed balancing with no host interaction, the
GPIO3 pin is configured to output a logic-high level while
the timer is counting using the GPIO3TMR configuration
bit of the GPIO register. An external diode is connected
from GPIO3 to SHDNL to prevent shutdown while the
timer is counting. Once the timer expires, the device shuts
down. The host may intervene prior to the timer expiring
to keep the device active and to reconfigure the device.
Emergency-Discharge Mode
The emergency-discharge mode performs cell-balancing
in a controlled manner so the cells can be discharged
to a safe level in the event of an emergency. The
BALSWDCHG and DEVCFG1 registers provide control
for this mode. A timeout value for the mode is configured
by DISCHGTIME[7:0], as shown in Table 15.
The emergency-discharge mode is activated by setting
the EMGCYDCHG bit with DCHGTIME[7:0] ≠ 00h. In
emergency-discharge mode, the following occurs:
1) The CBTIMER[3:0] is cleared to prevent the cell-
balancing watchdog from disabling the cell balancing.
2) Cell-balancing switches are controlled by
BALSWDCHG, not BALSWEN.
3) The discharge timer starts to count down.
4) Read-only counter DCHGCNTR[3:0] increments at
a 2Hz rate with periodic rollover at Fh. The host can
read this counter periodically to confirm the mode is
active.
5) The GPIO3 pin is driven high while the countdown is
active.
The emergency-discharge mode alternates between a
1-minute discharge cycle for odd cells and a 1-minute
discharge cycle for even cells. There is a 62.5ms minimum
off-time at the end of each discharge cycle to ensure no
overlap between even and odd discharge cycles. The
duty cycle of each discharge cycle can be configured by
DCHGWIN[2:0], as shown in Table 15.
By clearing EMGCYDCHG, the emergency-discharge
mode terminates and the following occurs:
1) The discharge timer is reset.
2) Control of the cell-balancing switches reverts to the
BALSWEN register.
3) Control of GPIO3 reverts to the GPIO register.
The emergency-discharge mode also terminates if
DCHGTIME[7:0] = 0h or the discharge time has reached
the configured timeout.
To prevent the emergency-discharge mode from terminat-
ing prematurely due to a device shutdown (which could
occur due to an extended lapse in host communications),
connect an external diode from GPIO3 to SHDNL to keep
SHDNL high while the timer is counting.
Table 15. Emergency Discharge Mode
FUNCTION
REGISTER FIELD
CONFIGURATION
BEHAVIOR
Duty cycle
DCHGWIN[2:0]
7.5s/bit
0h
Switches on for 7.5s, off for 52.5s
1h
Switches on for 15s, off for 45s
…
…
7h
Switches on for 59.94s, off for 62.5ms
Timeout
DCHGTIME[7:0]
2 hours/bit
00h
Discharge mode disabled
01h
Discharge mode disabled after 4 hours
02h
Discharge mode disabled after 6 hours
…
…
FFh
Discharge mode disabled after 512 hours
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com