Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17843ACB Datasheet(PDF) 64 Page - Maxim Integrated Products

Part # MAX17843ACB
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843ACB Datasheet(HTML) 64 Page - Maxim Integrated Products

Back Button MAX17843ACB Datasheet HTML 60Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 61Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 62Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 63Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 64Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 65Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 66Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 67Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 68Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 131 page
background image
Diagnostics
Built-in diagnostics support ISO 26262 (ASIL) requirements
by detecting specific fault conditions, as shown in Table 34.
The device automatically performs some of the diagnostics
while the host can perform others during initialization (e.g.,
at key-on), or periodically during operation, as required by
the application. Diagnostics performed automatically by the
device are previously described in the relevant functional
sections. A description of the diagnostics requiring specific
configurations are provided in this section.
Table 34. Summary of Built-In Diagnostics
DIAGNOSTICS PERFORMED AUTOMATICALLY BY DEVICE, WITHOUT HOST INTERVENTION
FAULT
DIAGNOSTIC PROCEDURE
OUTPUT
VAA undervoltage
Continuous voltage comparison
ALRTRST
VHV undervoltage
Continuous voltage comparison
ALRTHVUV
VHV overvoltage
Continuous voltage comparison
ALRTHVOV
VHV low headroom
Voltage comparison – updated during measurement
ALRTHVHDRM
32kHz oscillator fault
Continuous frequency comparison
ALRTOSC1, ALRTOSC2
16MHz oscillator fault
Communication error checking
ALRTMAN, ALRTPAR
Communication fault
Communication error checking
ALRTPEC, ALRTMAN, ALRTPAR
RX pin open/short
Verify RX mode after POR
ALRTCOMMSEUn/ALRTCOMMSELn
VDDLx pin open/short
Continuous voltage comparison
ALRTVDDLx
GNDLx pin open/short
Continuous voltage comparison
ALRTGNDLx
Die over-temperature
temperature comparison – updated after measurement.
ALRTTEMP
DIAGNOSTICS PERFORMED DURING ACQUISITION MODE, AS SELECTED BY DIAGSEL OR BALSWDIAG
FAULT
DIAGNOSTIC PROCEDURE
DIAGSEL[2:0]
OUTPUT
Reference voltage fault
ALTREF diagnostic
DIAGSEL = 1h
DIAG[15:0] (ALTREF voltage)
VAA voltage fault
VAA diagnostic ADC1
DIAGSEL = 2h
DIAG[15:0] (VAA voltage)
VAA voltage fault
VAA diagnostic ADC2
DIAGSEL = 2h
DIAG[15:0] (VAA /2 voltage)
LSAMP Offset too high
LSAMP offset diagnostic
DIAGSEL = 3h
DIAG[15:0] (LSAMP offset voltage)
ADC bit stuck high
Zero-Scale ADC diagnostic
DIAGSEL = 4h
DIAG[15:0] (Zero-scale)
ADC bit stuck low
Full-Scale ADC diagnostic
DIAGSEL = 5h
DIAG[15:0] (Full-scale)
VPTAT or ALRTTEMP fault
Die Temperature diagnostic
DIAGSEL = 6h
DIAG[15:0] (VPTAT voltage), ALRTTEMP
Balancing switch short
BALSW diagnostic mode
BALSWDIAG = 1h
ALRTBALSW
Balancing switch open
BALSW diagnostic mode
BALSWDIAG = 2h
ALRTBALSW
Odd sense-wire open
BALSW diagnostic mode
BALSWDIAG = 5h
ALRTBALSW
Even sense-wire open
BALSW diagnostic mode
BALSWDIAG = 6h
ALRTBALSW
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com