Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17843ACB Datasheet(PDF) 76 Page - Maxim Integrated Products

Part # MAX17843ACB
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843ACB Datasheet(HTML) 76 Page - Maxim Integrated Products

Back Button MAX17843ACB Datasheet HTML 72Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 73Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 74Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 75Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 76Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 77Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 78Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 79Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 80Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 131 page
background image
Shutdown Diagnostic
The shutdown diagnostic verifies that no hardware fault
is preventing the device from shutting down, such as
the SHDNL input being stuck at logic-one. To perform
the diagnostic, the host attempts a shutdown. The tim-
ing shown in Figure 48 is for a UART idle mode shut-
down. Once VSHNDL < 0.6V, the ALRTSHDNL bit is set
in the STATUS register and the regulator is disabled
(see Table 41); however, the STATUS register can still
be read as long as VAA has not decayed below 2.95V
(typ), which takes about 1ms. The host should verify that
ALRTSHDNL is set. By reading the bit, the charge pump
will drive VSHDNL > 1.8V in about 200μs and enable
the regulator. The host must clear the ALRTSHDNL bit
to complete the diagnostic. The ALRTSHDNLRT bit is a
real-time version of ALRTSHDNL that automatically clears
when VSHDNL > 1.8V.
HVMUX Switch Open Diagnostic
Since an open HVMUX switch causes the measured
voltage to go to either zero or full-scale, it is possible to
execute the test by looking for an overvoltage or under-
voltage alert following the diagnostic measurement with-
out analyzing the measurement data. It is possible to read
all voltage measurements and let the host compare the
results by splitting the test into several segments.
The procedure in Figure 49 is quick and efficient. For
higher sensitivity to faults, each cell voltage measurement
in the diagnostic mode can be compared to a threshold
of 100mV by the host to determine if the HVMUX path is
working correctly. The threshold is derived from the worst
case HVMUX resistance mismatch and the worst-case
diagnostic current source value variation.
Figure 47. Test Current Sources
Cn-1
Cn
RFILTER
RHVMUX
X
CELL n
+
-
LSAMP
TO ADC
X
X
VAA
AGND
CELL TEST
CURRENT
SOURCE
CELL TEST
CURRENT
SOURCE
AGND
AGND
X
HV
HV
HVMUX TEST SOURCES
CONTROLLED BY:
MUXDIAGEN
MUXDIAGPAIR
MUXDIAGBUS
CTSTDAC
CELL TEST SOURCES
CONTROLLED BY:
CTSTENn
CTSTSRC
CTSTDAC
RHVMUX
VAA
AGND
RFILTER
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 76



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com