Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17843ACB Datasheet(PDF) 23 Page - Maxim Integrated Products

Part # MAX17843ACB
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843ACB Datasheet(HTML) 23 Page - Maxim Integrated Products

Back Button MAX17843ACB Datasheet HTML 19Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 20Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 21Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 22Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 23Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 24Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 25Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 26Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 27Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 131 page
background image
PIN
NAME
TYPE
FUNCTION
33
SW0
Input
Balance Input for Cell 1 Negative.
34
C0
Input
Voltage Input for Cell 1 Negative. Connect to AGND.
35
SW1
Input
Balance Input for Cell 1 Positive (Cell 2 Negative)
36
C1
Input
Voltage Input for Cell 1 Positive (Cell 2 Negative)
37
SW2
Input
Balance Input for Cell 2 Positive (Cell 3 Negative)
38
C2
Input
Voltage Input for Cell 2 Positive (Cell 3 Negative)
39
SW3
Input
Balance Input for Cell 3 Positive (Cell 4 Negative)
40
C3
Input
Voltage Input for Cell 3 Positive (Cell 4 Negative)
41
SW4
Input
Balance Input for Cell 4 Positive (Cell 5 Negative)
42
C4
Input
Voltage Input for Cell 4 Positive (Cell 5 Negative)
43
SW5
Input
Balance Input for Cell 5 Positive (Cell 6 Negative)
44
C5
Input
Voltage Input for Cell 5 Positive (Cell 6 Negative)
45
SW6
Input
Balance Input for Cell 6 Positive (Cell 7 Negative)
46
C6
Input
Voltage Input for Cell 6 Positive (Cell 7 Negative)
47
SW7
Input
Balance Input for Cell 7 Positive (Cell 8 Negative)
48
C7
Input
Voltage Input for Cell 7 Positive (Cell 8 Negative)
49
SW8
Input
Balance Input for Cell 8 Positive (Cell 9 Negative)
50
C8
Input
Voltage Input for Cell 8 Positive (Cell 9 Negative)
51
SW9
Input
Balance Input for Cell 9 Positive (Cell 10 Negative)
52
C9
Input
Voltage Input for Cell 9 Positive (Cell 10 Negative)
53
SW10
Input
Balance Input for Cell 10 Positive (Cell 11 Negative)
54
C10
Input
Voltage Input for Cell 10 Positive (Cell 11 Negative)
55
SW11
Input
Balance Input for Cell 11 Positive (Cell 12 Negative)
56
C11
Input
Voltage Input for Cell 11 Positive (Cell 12 Negative)
57
SW12
Input
Balance Input for Cell 12 Positive
58
C12
Input
Voltage Input for Cell 12 Positive
59
VBLKP
Input
Block Voltage Positive Input. Internal 10MΩ pulldown during measurement.
61
HV
Power
Decoupling Capacitor Connection for the HV Charge Pump. VHV = VDCIN + 5.5V
(typical). Bypass with a 50V, 4.7µF capacitor to DCIN.
62
DCIN
Power
DC Supply for the Low-Voltage Regulator, HV Charge Pump, and SHDNL Charge
Pump. Connect to a voltage source between 9V and 65V through a 100Ω series resistor.
Bypass with a 100V, 2.2μF capacitor to ground.
63
CPP
Power
Positive Capacitor Connection for the HV Charge Pump. Connect a 100V, 0.1µF
capacitor from CPP to CPN.
64
CPN
Power
Negative Capacitor Connection for the HV Charge Pump
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 23
Pin Description (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com