Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17843ACB Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX17843ACB
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843ACB Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX17843ACB Datasheet HTML 10Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 11Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 12Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 13Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 14Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 15Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 16Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 17Page - Maxim Integrated Products MAX17843ACB Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 131 page
background image
HV to AGND ............................................................ -0.3 to +80V
DCIN, SWn, VBLK, and Cn to AGND .........-0.3V to VHV + 0.3V
-0.3V to +72V
Cn to Cn-1..............................................................-72V to +72V
SWn to SWn-1.......................................................-0.3V to +16V
VAA to AGND........................................................... -0.3v to +4V
VDDL1 to GNDL1.....................................................-0.3V to +4V
VDDL2 to GNDL2.....................................................-0.3V to +6V
VDDL3 to GNDL3.....................................................-0.3V to +6V
VAA to VDDL1, VDDL2, and VDDL3.......................-0.3V to +0.3V
AGND to GNDL1, GNDL2, GNDL3......................-0.3V to +0.3V
AUXIN1, AUXIN2, THRM to AGND.............-0.3V to VAA + 0.3V
SHDNL to AGND ........................................-0.3 to VDCIN + 0.3V
CTG to AGND..........................................................-0.3V to +6V
RXLP, RXLN, RXUP, RXUN to GNDL1..................-30V to +30V
TXLP, TXLN to GNDL2............................................-0.3V to +6V
TXUP, TXUN to GNDL3 ..........................................-0.3V to +6V
CPP to AGND....................................... VDCIN - 1V to VHV + 1V
CPN to AGND.......................................... -0.3V to VDCIN + 0.3V
GPIO0, GPIO1, GPIO2, GPIO3 to GNDL1..-0.3V to VDDL1 + 0.3V
Max Continuous Current into Any Pin (Note 1)................±20mA
Max Continuous Current into SWn Pin (Note 2)............±400mA
Max Average Power for ESD Diodes (Note 3)............. 14.4/√τW
Package Continuous Power (Note 4)............................2000mW
Package Junction-to-Ambient
Thermal Resistance (θJA) .............................................40°C/W
Operating Temperature Range......................... -40°C to +125°C
Storage Temperature Range............................ -55°C to +150°C
Junction Temperature (continuous)...................................150°C
Soldering Lead Temperature (10s max)............................300°C
Note 1: Balancing switches disabled.
Note 2: One balancing switch enabled, 60s (max).
Note 3: Average power for time period τ where τ is the time constant (in μs) of the transient diode current during a hot-plug event.
For, example, if τ is 330μs, the maximum average power is 0.793W. Peak current must never exceed 2A. Actual average
power during hot-plug must be calculated from the diode current waveform for the application circuit and compared to the
maximum rating.
Note 4: Multilayer board. For TA > +70°C derate 25mW/°C.
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 14
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com