Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H723VG Datasheet(PDF) 56 Page - STMicroelectronics

Part # STM32H723VG
Description  32-bit Arm® Cortex®-M7 550 MHz MCU, up to 1 MB Flash memory, 564 KB RAM, 35 comms peripherals and analog interfaces
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H723VG Datasheet(HTML) 56 Page - STMicroelectronics

Back Button STM32H723VG Datasheet HTML 52Page - STMicroelectronics STM32H723VG Datasheet HTML 53Page - STMicroelectronics STM32H723VG Datasheet HTML 54Page - STMicroelectronics STM32H723VG Datasheet HTML 55Page - STMicroelectronics STM32H723VG Datasheet HTML 56Page - STMicroelectronics STM32H723VG Datasheet HTML 57Page - STMicroelectronics STM32H723VG Datasheet HTML 58Page - STMicroelectronics STM32H723VG Datasheet HTML 59Page - STMicroelectronics STM32H723VG Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 227 page
background image
Pinouts, pin descriptions and alternate functions
STM32H723xE/G
56/227
DS13313 Rev 2
Figure 7. UFBGA144 ballout
1. The above figure shows the package top view.
MSv52523V1.
PC13
PE3
PE2
PE1
PE0
PB4
PB3
PD6
PD7
PA15
PA14
PA13
123456789
10
11
12
A
B
C
D
E
F
G
H
J
K
L
M
PC14-
OSC32_IN
PE4
PE5
PE6
PB9
PB5
PG15
PG12
PD5
PC11
PC10
PA12
PC15-
OSC32_OUT
VBAT
PF0
PF1
PB8
PG11
PD4
PC12
VDD33USB
PA11
PH0-OSC_IN
VSS
VDD
PD1
PA10
PA9
PH1-
OSC_OUT
PF3
PF4
PD0
PC9
PA8
NRST
PF7
PC8
PC7
PF10
PF9
PG8
PC6
PC0
PC1
PC2
PG7
PG6
PG5
VSSA
PA0
PA4
PG4
PG3
PG2
VREF-
PA1
PC5
PF13
PE13
PD9
PD13
PD14
PD15
VREF+
PA2
PA6
PB0
PF12
PF15
PE8
PE14
PD8
PD12
PB14
PB15
VDDA
PA3
PA7
PB1
PF11
PF14
PE7
PE15
PB10
PB11
PB12
PB13
PF2
BOOT0
PB7
PG13
PB6
PG14
PG10
PD3
PG9
PD2
VSS
VSS
PF5
PDR_ON
PF6
VDD
VDD
VDD
VDD
VDD
VDD
VDD
PF8
VSS
VSS
VCAP
VDD
VDD
VSS
VDD
PE11
PD11
VSS
VCAP
PC3
PE12
PD10
PG1
PE10
PC4
PB2
PG0
PE9
VSS
PA5
Table 6. Legend/abbreviations used in the pinout table
Name
Abbreviation
Definition
Pin name
Unless otherwise specified in brackets below the pin name, the pin function during
and after reset is the same as the actual pin name
Pin type
S
Supply pin
I
Input only pin
I/O
Input / output pin
ANA
Analog-only Input
I/O structure
FT
5 V tolerant I/O
TT
3.3 V tolerant I/O
B
Dedicated BOOT0 pin
RST
Bidirectional reset pin with embedded weak pull-up resistor
Option for TT and FT I/Os
_f
I2C FM+ option
_a
analog option (supplied by VDDA)
_u
USB option (supplied by VDD33USB)
_h
High-speed low-voltage I/O
Notes
Unless otherwise specified by a note, all I/Os are set as floating inputs during and
after reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com