Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H723VG Datasheet(PDF) 65 Page - STMicroelectronics

Part # STM32H723VG
Description  32-bit Arm® Cortex®-M7 550 MHz MCU, up to 1 MB Flash memory, 564 KB RAM, 35 comms peripherals and analog interfaces
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H723VG Datasheet(HTML) 65 Page - STMicroelectronics

Back Button STM32H723VG Datasheet HTML 61Page - STMicroelectronics STM32H723VG Datasheet HTML 62Page - STMicroelectronics STM32H723VG Datasheet HTML 63Page - STMicroelectronics STM32H723VG Datasheet HTML 64Page - STMicroelectronics STM32H723VG Datasheet HTML 65Page - STMicroelectronics STM32H723VG Datasheet HTML 66Page - STMicroelectronics STM32H723VG Datasheet HTML 67Page - STMicroelectronics STM32H723VG Datasheet HTML 68Page - STMicroelectronics STM32H723VG Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 227 page
background image
DS13313 Rev 2
65/227
STM32H723xE/G
Pinouts, pin descriptions and alternate functions
85
J10
60
82
K10
PD13
I/O
FT_fh
-
LPTIM1_OUT, TIM4_CH2, I2C4_SDA,
FDCAN3_TX, OCTOSPIM_P1_IO3,
SAI4_SCK_A,
UART9_RTS/UART9_DE, FMC_A18,
DCMI_D13/PSSI_D13, EVENTOUT
-
-
-
83
-
VSS
S
-
-
-
-
--
84
-
VDD
S
-
-
-
-
H8
61
85
K11
PD14
I/O
FT_h
-
TIM4_CH3, UART8_CTS, UART9_RX,
FMC_D0/FMC_AD0, EVENTOUT
-
G8
62
86
K12
PD15
I/O
FT_h
-
TIM4_CH4, UART8_RTS/UART8_DE,
UART9_TX, FMC_D1/FMC_AD1,
EVENTOUT
-
-
-
87
J12
PG2
I/O
FT_h
-
TIM8_BKIN, TIM8_BKIN_COMP12,
FMC_A12, TIM24_ETR, EVENTOUT
-
-
-
88
J11
PG3
I/O
FT_h
-
TIM8_BKIN2, TIM8_BKIN2_COMP12,
FMC_A13, TIM23_ETR, EVENTOUT
-
-
-
89
J10
PG4
I/O
FT_h
-
TIM1_BKIN2, TIM1_BKIN2_COMP12,
FMC_A14/FMC_BA0, EVENTOUT
-
-
-
90
H12
PG5
I/O
FT_h
-
TIM1_ETR, FMC_A15/FMC_BA1,
EVENTOUT
-
-
-
91
H11
PG6
I/O
FT_h
-
TIM17_BKIN, OCTOSPIM_P1_NCS,
FMC_NE3, DCMI_D12/PSSI_D12,
LCD_R7, EVENTOUT
-
-
-
92
H10
PG7
I/O
FT_h
-
SAI1_MCLK_A, USART6_CK,
OCTOSPIM_P2_DQS, FMC_INT,
DCMI_D13/PSSI_D13, LCD_CLK,
EVENTOUT
-
-
-
93
G11
PG8
I/O
FT_h
-
TIM8_ETR, SPI6_NSS/I2S6_WS,
USART6_RTS/USART6_DE,
SPDIFRX1_IN3, ETH_PPS_OUT,
FMC_SDCLK, LCD_G7, EVENTOUT
-
-
-
94
-
VSS
S
-
-
-
-
F6
-
95
C11
VDD33USB
S
-
-
-
-
F10
63
96
G12
PC6
I/O
FT_h
-
TIM3_CH1, TIM8_CH1,
DFSDM1_CKIN3, I2S2_MCK,
USART6_TX, SDMMC1_D0DIR,
FMC_NWAIT, SDMMC2_D6,
SDMMC1_D6, DCMI_D0/PSSI_D0,
LCD_HSYNC, EVENTOUT
SWPMI_IO
Table 7. STM32H723 pin and ball descriptions (continued)
Pin number
Pin name (function
after reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com