Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H723VG Datasheet(PDF) 63 Page - STMicroelectronics

Part # STM32H723VG
Description  32-bit Arm® Cortex®-M7 550 MHz MCU, up to 1 MB Flash memory, 564 KB RAM, 35 comms peripherals and analog interfaces
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H723VG Datasheet(HTML) 63 Page - STMicroelectronics

Back Button STM32H723VG Datasheet HTML 59Page - STMicroelectronics STM32H723VG Datasheet HTML 60Page - STMicroelectronics STM32H723VG Datasheet HTML 61Page - STMicroelectronics STM32H723VG Datasheet HTML 62Page - STMicroelectronics STM32H723VG Datasheet HTML 63Page - STMicroelectronics STM32H723VG Datasheet HTML 64Page - STMicroelectronics STM32H723VG Datasheet HTML 65Page - STMicroelectronics STM32H723VG Datasheet HTML 66Page - STMicroelectronics STM32H723VG Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 227 page
background image
DS13313 Rev 2
63/227
STM32H723xE/G
Pinouts, pin descriptions and alternate functions
85
J6
42
65
J8
PE12
I/O
FT_h
-
TIM1_CH3N, DFSDM1_DATIN5,
SPI4_SCK(boot), SAI4_SCK_B,
FMC_D9/FMC_AD9, COMP1_OUT,
LCD_B4, EVENTOUT
-
K6
43
66
K8
PE13
I/O
FT_h
-
TIM1_CH3, DFSDM1_CKIN5,
SPI4_MISO(boot), SAI4_FS_B,
FMC_D10/FMC_AD10, COMP2_OUT,
LCD_DE, EVENTOUT
-
G7
44
67
L8
PE14
I/O
FT_h
-
TIM1_CH4, SPI4_MOSI(boot),
SAI4_MCLK_B, FMC_D11/FMC_AD11,
LCD_CLK, EVENTOUT
-
H7
45
68
M8
PE15
I/O
FT_h
-
TIM1_BKIN, USART10_CK,
FMC_D12/FMC_AD12,
TIM1_BKIN_COMP12, LCD_R7,
EVENTOUT
-
J7
46
69
M9
PB10
I/O
FT_fh
-
TIM2_CH3, LPTIM2_IN1, I2C2_SCL,
SPI2_SCK/I2S2_CK,
DFSDM1_DATIN7, USART3_TX(boot),
OCTOSPIM_P1_NCS,
OTG_HS_ULPI_D3, ETH_MII_RX_ER,
LCD_G4, EVENTOUT
-
K7
47
70
M10
PB11
I/O
FT_f
-
TIM2_CH4, LPTIM2_ETR, I2C2_SDA,
DFSDM1_CKIN7, USART3_RX(boot),
OTG_HS_ULPI_D4,
ETH_MII_TX_EN/ETH_RMII_TX_EN,
LCD_G5, EVENTOUT
-
F8
48
71
H7
VCAP
S
-
-
-
-
-
49
-
-
VSS
S
-
-
-
-
-50
72-
VDD
S
-
-
-
-
K8
51
73
M11
PB12
I/O
FT_h
-
TIM1_BKIN, OCTOSPIM_P1_NCLK,
I2C2_SMBA, SPI2_NSS/I2S2_WS,
DFSDM1_DATIN1, USART3_CK,
FDCAN2_RX, OTG_HS_ULPI_D5,
ETH_MII_TXD0/ETH_RMII_TXD0,
OCTOSPIM_P1_IO0,
TIM1_BKIN_COMP12, UART5_RX,
EVENTOUT
-
Table 7. STM32H723 pin and ball descriptions (continued)
Pin number
Pin name (function
after reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com