Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H723VG Datasheet(PDF) 17 Page - STMicroelectronics

Part # STM32H723VG
Description  32-bit Arm® Cortex®-M7 550 MHz MCU, up to 1 MB Flash memory, 564 KB RAM, 35 comms peripherals and analog interfaces
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H723VG Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STM32H723VG Datasheet HTML 13Page - STMicroelectronics STM32H723VG Datasheet HTML 14Page - STMicroelectronics STM32H723VG Datasheet HTML 15Page - STMicroelectronics STM32H723VG Datasheet HTML 16Page - STMicroelectronics STM32H723VG Datasheet HTML 17Page - STMicroelectronics STM32H723VG Datasheet HTML 18Page - STMicroelectronics STM32H723VG Datasheet HTML 19Page - STMicroelectronics STM32H723VG Datasheet HTML 20Page - STMicroelectronics STM32H723VG Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 227 page
background image
DS13313 Rev 2
17/227
STM32H723xE/G
Description
52
Table 1. STM32H723xE/G features and peripheral counts
Peripherals
STM32H723
VGH/VEH
STM32H723
VGT/VET
STM32H723
ZGT/ZET
STM32H723
ZGI/ZEI
Flash memory (Kbytes)(1)
1024 / 512
1024 / 512
1024 / 512
1024 / 512
SRAM (Kbytes)
SRAM mapped onto AXI bus
128
SRAM1 (D2 domain)
16
SRAM2 (D2 domain)
16
SRAM4 (D3 domain)
16
RAM shared between ITCM and AXI (Kbytes)
192
TCM RAM (Kbytes)
ITCM RAM (instruction)
64
DTCM RAM (data)
128
Backup SRAM (Kbytes)
4
FMC
Interface
1
NOR Flash
memory/RAM
controller
--
yes
yes
Multiplexed I/O
NOR Flash
memory
yes
yes
yes
yes
16-bit NAND
Flash memory
yes
yes
yes
yes
16-bit SDRAM
controller
--
yes
yes
GPIO
80
80
112
114
Octo-SPI interface
2(2)
2(2)
22
OTFDEC
no
CORDIC
yes
FMAC
yes
Timers
General purpose 32 bits
2
2
2
2
General purpose 16 bits
10
10
10
10
Advanced control
(PWM)
22
22
Basic
2
2
2
2
Low-power
5
5
5
5
RTC
1
1
1
1
Window watchdog /
independent watchdog
22
22
Wakeup pins
4
4
4
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com