Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H723VG Datasheet(PDF) 69 Page - STMicroelectronics

Part # STM32H723VG
Description  32-bit Arm® Cortex®-M7 550 MHz MCU, up to 1 MB Flash memory, 564 KB RAM, 35 comms peripherals and analog interfaces
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H723VG Datasheet(HTML) 69 Page - STMicroelectronics

Back Button STM32H723VG Datasheet HTML 65Page - STMicroelectronics STM32H723VG Datasheet HTML 66Page - STMicroelectronics STM32H723VG Datasheet HTML 67Page - STMicroelectronics STM32H723VG Datasheet HTML 68Page - STMicroelectronics STM32H723VG Datasheet HTML 69Page - STMicroelectronics STM32H723VG Datasheet HTML 70Page - STMicroelectronics STM32H723VG Datasheet HTML 71Page - STMicroelectronics STM32H723VG Datasheet HTML 72Page - STMicroelectronics STM32H723VG Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 227 page
background image
DS13313 Rev 2
69/227
STM32H723xE/G
Pinouts, pin descriptions and alternate functions
85
-
-
126
C8
PG11
I/O
FT_h
-
LPTIM1_IN2, USART10_RX,
SPI1_SCK/I2S1_CK, SPDIFRX1_IN1,
OCTOSPIM_P2_IO7, SDMMC2_D2,
ETH_MII_TX_EN/ETH_RMII_TX_EN,
DCMI_D3/PSSI_D3, LCD_B3,
EVENTOUT
-
-
-
127
B8
PG12
I/O
FT_h
-
LPTIM1_IN1, OCTOSPIM_P2_NCS,
USART10_TX, SPI6_MISO/I2S6_SDI,
USART6_RTS/USART6_DE,
SPDIFRX1_IN2, LCD_B4,
SDMMC2_D3,
ETH_MII_TXD1/ETH_RMII_TXD1,
FMC_NE4, TIM23_CH1, LCD_B1,
EVENTOUT
-
-
-
128
D7
PG13
I/O
FT_h
-
TRACED0, LPTIM1_OUT,
USART10_CTS/USART10_NSS,
SPI6_SCK/I2S6_CK,
USART6_CTS/USART6_NSS,
SDMMC2_D6,
ETH_MII_TXD0/ETH_RMII_TXD0,
FMC_A24, TIM23_CH2, LCD_R0,
EVENTOUT
-
-
-
129
C7
PG14
I/O
FT_h
-
TRACED1, LPTIM1_ETR,
USART10_RTS/USART10_DE,
SPI6_MOSI/I2S6_SDO, USART6_TX,
OCTOSPIM_P1_IO7, SDMMC2_D7,
ETH_MII_TXD1/ETH_RMII_TXD1,
FMC_A25, TIM23_CH3, LCD_B0,
EVENTOUT
-
-
-
130
-
VSS
S
-
-
-
-
-
-
131
-
VDD
S
-
-
-
-
-
-
132
B7
PG15
I/O
FT_h
-
USART6_CTS/USART6_NSS,
OCTOSPIM_P2_DQS, USART10_CK,
FMC_NCAS, DCMI_D13/PSSI_D13,
EVENTOUT
-
A7
89
133
A7
PB3
(JTDO/TRACESWO)
I/O
FT_h
-
JTDO/TRACESWO, TIM2_CH2,
SPI1_SCK/I2S1_CK,
SPI3_SCK/I2S3_CK,
SPI6_SCK/I2S6_CK, SDMMC2_D2,
CRS_SYNC, UART7_RX, TIM24_ETR,
EVENTOUT
-
Table 7. STM32H723 pin and ball descriptions (continued)
Pin number
Pin name (function
after reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com