Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H723VG Datasheet(PDF) 68 Page - STMicroelectronics

Part # STM32H723VG
Description  32-bit Arm® Cortex®-M7 550 MHz MCU, up to 1 MB Flash memory, 564 KB RAM, 35 comms peripherals and analog interfaces
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H723VG Datasheet(HTML) 68 Page - STMicroelectronics

Back Button STM32H723VG Datasheet HTML 64Page - STMicroelectronics STM32H723VG Datasheet HTML 65Page - STMicroelectronics STM32H723VG Datasheet HTML 66Page - STMicroelectronics STM32H723VG Datasheet HTML 67Page - STMicroelectronics STM32H723VG Datasheet HTML 68Page - STMicroelectronics STM32H723VG Datasheet HTML 69Page - STMicroelectronics STM32H723VG Datasheet HTML 70Page - STMicroelectronics STM32H723VG Datasheet HTML 71Page - STMicroelectronics STM32H723VG Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 227 page
background image
Pinouts, pin descriptions and alternate functions
STM32H723xE/G
68/227
DS13313 Rev 2
B7
83
116
E9
PD2
I/O
FT_h
-
TRACED2, FMC_D7/FMC_AD7,
TIM3_ETR, TIM15_BKIN, UART5_RX,
LCD_B7, SDMMC1_CMD,
DCMI_D11/PSSI_D11, LCD_B2,
EVENTOUT
-
C7
84
117
D9
PD3
I/O
FT_h
-
DFSDM1_CKOUT,
SPI2_SCK/I2S2_CK,
USART2_CTS/USART2_NSS,
FMC_CLK, DCMI_D5/PSSI_D5,
LCD_G7, EVENTOUT
-
D7
85
118
C9
PD4
I/O
FT_h
-
USART2_RTS/USART2_DE,
OCTOSPIM_P1_IO4, FMC_NOE,
EVENTOUT
-
B6
86
119
B9
PD5
I/O
FT_h
-
USART2_TX, OCTOSPIM_P1_IO5,
FMC_NWE, EVENTOUT
-
-
-
120
-
VSS
S
-
-
-
-
-
-
121
-
VDD
S
-
-
-
-
C6
87
122
A8
PD6
I/O
FT_h
-
SAI4_D1, SAI1_D1, DFSDM1_CKIN4,
DFSDM1_DATIN1,
SPI3_MOSI/I2S3_SDO, SAI1_SD_A,
USART2_RX, SAI4_SD_A,
OCTOSPIM_P1_IO6, SDMMC2_CK,
FMC_NWAIT, DCMI_D10/PSSI_D10,
LCD_B2, EVENTOUT
-
D6
88
123
A9
PD7
I/O
FT_h
-
DFSDM1_DATIN4,
SPI1_MOSI/I2S1_SDO,
DFSDM1_CKIN1, USART2_CK,
SPDIFRX1_IN1, OCTOSPIM_P1_IO7,
SDMMC2_CMD, FMC_NE1,
EVENTOUT
-
-
-
124
E8
PG9
I/O
FT_h
-
FDCAN3_TX, SPI1_MISO/I2S1_SDI,
USART6_RX, SPDIFRX1_IN4,
OCTOSPIM_P1_IO6, SAI4_FS_B,
SDMMC2_D0, FMC_NE2/FMC_NCE,
DCMI_VSYNC/PSSI_RDY, EVENTOUT
-
-
-
125
D8
PG10
I/O
FT_h
-
FDCAN3_RX, OCTOSPIM_P2_IO6,
SPI1_NSS/I2S1_WS, LCD_G3,
SAI4_SD_B, SDMMC2_D1, FMC_NE3,
DCMI_D2/PSSI_D2, LCD_B2,
EVENTOUT
-
Table 7. STM32H723 pin and ball descriptions (continued)
Pin number
Pin name (function
after reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com