Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H723VG Datasheet(PDF) 72 Page - STMicroelectronics

Part # STM32H723VG
Description  32-bit Arm® Cortex®-M7 550 MHz MCU, up to 1 MB Flash memory, 564 KB RAM, 35 comms peripherals and analog interfaces
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H723VG Datasheet(HTML) 72 Page - STMicroelectronics

Back Button STM32H723VG Datasheet HTML 68Page - STMicroelectronics STM32H723VG Datasheet HTML 69Page - STMicroelectronics STM32H723VG Datasheet HTML 70Page - STMicroelectronics STM32H723VG Datasheet HTML 71Page - STMicroelectronics STM32H723VG Datasheet HTML 72Page - STMicroelectronics STM32H723VG Datasheet HTML 73Page - STMicroelectronics STM32H723VG Datasheet HTML 74Page - STMicroelectronics STM32H723VG Datasheet HTML 75Page - STMicroelectronics STM32H723VG Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 227 page
background image
Table 8. STM32H723 pin alternate functions
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS
FMC/
LPTIM1/
SAI4/TIM1
6/17/TIM1
x/TIM2x
FDCAN3/
PDM_
SAI1/
TIM3/4/5/1
2/15
DFSDM1
/LCD/
LPTIM2/
3/4/5/
LPUART
1/OCTO
SPIM_P1
/2/TIM8
CEC/
DCMI/
PSSI/
DFSDM1
/I2C1/2/3/
4/5/
LPTIM2/
OCTO
SPIM_P1
/TIM15/
USART1/
10
CEC/
FDCAN3/
SPI1/I2S
1/SPI2/
I2S2/SPI
3/I2S3/
SPI4/5/6
DFSDM1/I
2C4/5/
OCTO
SPIM_P1/
SAI1/
SPI3/
I2S3/
UART4
SDMMC1
/SPI2/I2S
2/SPI3/
I2S3/
SPI6/
UART7/
USART1/
2/3/6
LPUART1/
SAI4/
SDMMC1/
SPDIFRX1
/SPI6/
UART4/5/
8
FDCAN1/2
/FMC/
LCD/
OCTO
SPIM_P1/
2/SAI4/
SDMMC2/
SPDIFRX1
/TIM13/14
CRS/
FMC/
LCD/
OCTO
SPIM_P1/
OTG1_FS/
OTG1_HS/
SAI4/
SDMMC2/
TIM8
DFSDM1/
ETH/I2C4/
LCD/MDIO
S/OCTOSP
IM_P1/
SDMMC2/
SWPMI1/
TIM1x/TIM
8/UART7/9/
USART10
FMC/LCD/
MDIOS/
OCTOSPI
M_P1/
SDMMC1/
TIM1x/
TIM8
COMP/
DCMI/
PSSI/
LCD/
TIM1x/
TIM23
LCD/
TIM24/
UART5
SYS
PA0
-
TIM2_CH
1/TIM2_
ETR
TIM5_CH1
TIM8_
ETR
TIM15_
BKIN
SPI6_
NSS/I2S
6_WS
-
USART2
_CTS/
USART2
_NSS
UART4_
TX
SDMMC2_
CMD
SAI4_SD_
B
ETH_MII_
CRS
FMC_A19
-
-
EVENT
OUT
PA1
-
TIM2_CH
2
TIM5_CH2
LPTIM3_
OUT
TIM15_
CH1N
--
USART2
_RTS/
USART2
_DE
UART4_
RX
OCTOSPI
M_P1_IO3
SAI4_
MCLK_B
ETH_MII_
RX_CLK/
ETH_RMII_
REF_CLK
OCTOSPI
M_P1_
DQS
-
LCD_
R2
EVENT
OUT
PA2
-
TIM2_CH
3
TIM5_CH3
LPTIM4_
OUT
TIM15_
CH1
-
OCTOSPI
M_P1_IO0
USART2
_TX
SAI4_SCK
_B
--
ETH_MDIO
MDIOS_
MDIO
-
LCD_R
1
EVENT
OUT
PA3
-
TIM2_CH
4
TIM5_CH4
LPTIM5_
OUT
TIM15_
CH2
I2S6_
MCK
OCTOSPI
M_P1_IO2
USART2
_RX
-
LCD_B2
OTG_HS_
ULPI_D0
ETH_MII_
COL
OCTOSPI
M_P1_
CLK
-
LCD_B
5
EVENT
OUT
PA4
D1PWR
EN
-
TIM5_
ETR
--
SPI1_
NSS/
I2S1_WS
SPI3_NSS
/I2S3_WS
USART2
_CK
SPI6_NSS
/I2S6_WS
--
-
FMC_D8/
FMC_AD8
DCMI_
HSYNC/
PSSI_DE
LCD_
VSYNC
EVENT
OUT
PA5
D2PWR
EN
TIM2_CH
1/TIM2_
ETR
-
TIM8_CH
1N
-
SPI1_
SCK/
I2S1_CK
--
SPI6_SCK
/I2S6_CK
-
OTG_HS_
ULPI_CK
-
FMC_D9/
FMC_AD9
PSSI_D1
4
LCD_R
4
EVENT
OUT
PA6
-
TIM1_
BKIN
TIM3_CH1
TIM8_
BKIN
-
SPI1_
MISO/
I2S1_SDI
OCTOSPI
M_P1_IO3
-
SPI6_
MISO/I2S6
_SDI
TIM13_CH
1
TIM8_
BKIN_
COMP12
MDIOS_
MDC
TIM1_
BKIN_
COMP12
DCMI_
PIXCLK/
PSSI_
PDCK
LCD_G
2
EVENT
OUT
PA7
-
TIM1_CH
1N
TIM3_CH2
TIM8_CH
1N
-
SPI1_
MOSI/I2S
1_SDO
--
SPI6_
MOSI/I2S6
_SDO
TIM14_CH
1
OCTOSPI
M_P1_IO2
ETH_MII_
RX_DV/
ETH_RMII_
CRS_DV
FMC_SDN
WE
-
LCD_
VSYNC
EVENT
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com