Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H723VG Datasheet(PDF) 73 Page - STMicroelectronics

Part # STM32H723VG
Description  32-bit Arm® Cortex®-M7 550 MHz MCU, up to 1 MB Flash memory, 564 KB RAM, 35 comms peripherals and analog interfaces
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H723VG Datasheet(HTML) 73 Page - STMicroelectronics

Back Button STM32H723VG Datasheet HTML 69Page - STMicroelectronics STM32H723VG Datasheet HTML 70Page - STMicroelectronics STM32H723VG Datasheet HTML 71Page - STMicroelectronics STM32H723VG Datasheet HTML 72Page - STMicroelectronics STM32H723VG Datasheet HTML 73Page - STMicroelectronics STM32H723VG Datasheet HTML 74Page - STMicroelectronics STM32H723VG Datasheet HTML 75Page - STMicroelectronics STM32H723VG Datasheet HTML 76Page - STMicroelectronics STM32H723VG Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 227 page
background image
PA8
MCO1
TIM1_CH
1
-
TIM8_
BKIN2
I2C3_
SCL
-
I2C5_SCL
USART1
_CK
--
OTG_HS_
SOF
UART7_RX
TIM8_
BKIN2_
COMP12
LCD_B3
LCD_R
6
EVENT
OUT
PA9
-
TIM1_CH
2
-
LPUART
1_TX
I2C3_
SMBA
SPI2_
SCK/
I2S2_CK
I2C5_
SMBA
USART1
_TX
--
-
ETH_TX_
ER
-
DCMI_
D0/PSSI
_D0
LCD_R
5
EVENT
OUT
PA10
-
TIM1_CH
3
-
LPUART
1_RX
--
-
USART1
_RX
--
OTG_HS_
ID
MDIOS_
MDIO
LCD_B4
DCMI_
D1/PSSI
_D1
LCD_B
1
EVENT
OUT
PA11
-
TIM1_CH
4
-
LPUART
1_CTS
-
SPI2_
NSS/
I2S2_WS
UART4_
RX
USART1
_CTS/
USART1
_NSS
-
FDCAN1_
RX
--
-
-
LCD_R
4
EVENT
OUT
PA12
-
TIM1_
ETR
-
LPUART
1_RTS/
LPUART
1_DE
-
SPI2_
SCK/
I2S2_CK
UART4_
TX
USART1
_RTS/
USART1
_DE
SAI4_FS_
B
FDCAN1_
TX
--
TIM1_
BKIN2
-
LCD_R
5
EVENT
OUT
PA13
JTMS/
SWDIO
-
-
-
-
---
-
-
-
-
-
-
-
EVENT
OUT
PA14
JTCK/
SWCLK
-
-
-
-
---
-
-
-
-
-
-
-
EVENT
OUT
PA15
JTDI
TIM2_
CH1/TIM2
_ETR
--
CEC
SPI1_
NSS/
I2S1_WS
SPI3_NSS
/I2S3_WS
SPI6_
NSS/
I2S6_WS
UART4_
RTS/
UART4_
DE
LCD_R3
-
UART7_TX
-
-
LCD_B
6
EVENT
OUT
Table 8. STM32H723 pin alternate functions (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS
FMC/
LPTIM1/
SAI4/TIM1
6/17/TIM1
x/TIM2x
FDCAN3/
PDM_
SAI1/
TIM3/4/5/1
2/15
DFSDM1
/LCD/
LPTIM2/
3/4/5/
LPUART
1/OCTO
SPIM_P1
/2/TIM8
CEC/
DCMI/
PSSI/
DFSDM1
/I2C1/2/3/
4/5/
LPTIM2/
OCTO
SPIM_P1
/TIM15/
USART1/
10
CEC/
FDCAN3/
SPI1/I2S
1/SPI2/
I2S2/SPI
3/I2S3/
SPI4/5/6
DFSDM1/I
2C4/5/
OCTO
SPIM_P1/
SAI1/
SPI3/
I2S3/
UART4
SDMMC1
/SPI2/I2S
2/SPI3/
I2S3/
SPI6/
UART7/
USART1/
2/3/6
LPUART1/
SAI4/
SDMMC1/
SPDIFRX1
/SPI6/
UART4/5/
8
FDCAN1/2
/FMC/
LCD/
OCTO
SPIM_P1/
2/SAI4/
SDMMC2/
SPDIFRX1
/TIM13/14
CRS/
FMC/
LCD/
OCTO
SPIM_P1/
OTG1_FS/
OTG1_HS/
SAI4/
SDMMC2/
TIM8
DFSDM1/
ETH/I2C4/
LCD/MDIO
S/OCTOSP
IM_P1/
SDMMC2/
SWPMI1/
TIM1x/TIM
8/UART7/9/
USART10
FMC/LCD/
MDIOS/
OCTOSPI
M_P1/
SDMMC1/
TIM1x/
TIM8
COMP/
DCMI/
PSSI/
LCD/
TIM1x/
TIM23
LCD/
TIM24/
UART5
SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com