Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H723VG Datasheet(PDF) 60 Page - STMicroelectronics

Part # STM32H723VG
Description  32-bit Arm® Cortex®-M7 550 MHz MCU, up to 1 MB Flash memory, 564 KB RAM, 35 comms peripherals and analog interfaces
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H723VG Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STM32H723VG Datasheet HTML 56Page - STMicroelectronics STM32H723VG Datasheet HTML 57Page - STMicroelectronics STM32H723VG Datasheet HTML 58Page - STMicroelectronics STM32H723VG Datasheet HTML 59Page - STMicroelectronics STM32H723VG Datasheet HTML 60Page - STMicroelectronics STM32H723VG Datasheet HTML 61Page - STMicroelectronics STM32H723VG Datasheet HTML 62Page - STMicroelectronics STM32H723VG Datasheet HTML 63Page - STMicroelectronics STM32H723VG Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 227 page
background image
Pinouts, pin descriptions and alternate functions
STM32H723xE/G
60/227
DS13313 Rev 2
G2
22
34
J2
PA0
I/O FT_ha
-
TIM2_CH1/TIM2_ETR, TIM5_CH1,
TIM8_ETR, TIM15_BKIN,
SPI6_NSS/I2S6_WS,
USART2_CTS/USART2_NSS,
UART4_TX, SDMMC2_CMD,
SAI4_SD_B, ETH_MII_CRS,
FMC_A19, EVENTOUT
ADC1_INP16,
WKUP1
H2
23
35
K2
PA1
I/O FT_ha
-
TIM2_CH2, TIM5_CH2, LPTIM3_OUT,
TIM15_CH1N,
USART2_RTS/USART2_DE,
UART4_RX, OCTOSPIM_P1_IO3,
SAI4_MCLK_B,
ETH_MII_RX_CLK/ETH_RMII_REF_C
LK, OCTOSPIM_P1_DQS, LCD_R2,
EVENTOUT
ADC1_INN16,
ADC1_INP17
J2
24
36
L2
PA2
I/O FT_ha
-
TIM2_CH3, TIM5_CH3, LPTIM4_OUT,
TIM15_CH1, OCTOSPIM_P1_IO0,
USART2_TX(boot), SAI4_SCK_B,
ETH_MDIO, MDIOS_MDIO, LCD_R1,
EVENTOUT
ADC12_INP14,
WKUP2
K2
25
37
M2
PA3
I/O FT_ha
-
TIM2_CH4, TIM5_CH4, LPTIM5_OUT,
TIM15_CH2, I2S6_MCK,
OCTOSPIM_P1_IO2,
USART2_RX(boot), LCD_B2,
OTG_HS_ULPI_D0, ETH_MII_COL,
OCTOSPIM_P1_CLK, LCD_B5,
EVENTOUT
ADC12_INP15
-
26
38
-
VSS
S
-
-
-
-
-27
39-
VDD
S
-
-
-
-
G3
28
40
J3
PA4
I/O TT_ha
-
D1PWREN, TIM5_ETR,
SPI1_NSS(boot)/I2S1_WS,
SPI3_NSS/I2S3_WS, USART2_CK,
SPI6_NSS/I2S6_WS,
FMC_D8/FMC_AD8,
DCMI_HSYNC/PSSI_DE,
LCD_VSYNC, EVENTOUT
ADC12_INP18,
DAC1_OUT1
H3
29
41
K3
PA5
I/O TT_ha
-
D2PWREN, TIM2_CH1/TIM2_ETR,
TIM8_CH1N,
SPI1_SCK(boot)/I2S1_CK,
SPI6_SCK/I2S6_CK,
OTG_HS_ULPI_CK,
FMC_D9/FMC_AD9, PSSI_D14,
LCD_R4, EVENTOUT
ADC12_INN18,
ADC12_INP19,
DAC1_OUT2
Table 7. STM32H723 pin and ball descriptions (continued)
Pin number
Pin name (function
after reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com