Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H723VG Datasheet(PDF) 64 Page - STMicroelectronics

Part # STM32H723VG
Description  32-bit Arm® Cortex®-M7 550 MHz MCU, up to 1 MB Flash memory, 564 KB RAM, 35 comms peripherals and analog interfaces
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H723VG Datasheet(HTML) 64 Page - STMicroelectronics

Back Button STM32H723VG Datasheet HTML 60Page - STMicroelectronics STM32H723VG Datasheet HTML 61Page - STMicroelectronics STM32H723VG Datasheet HTML 62Page - STMicroelectronics STM32H723VG Datasheet HTML 63Page - STMicroelectronics STM32H723VG Datasheet HTML 64Page - STMicroelectronics STM32H723VG Datasheet HTML 65Page - STMicroelectronics STM32H723VG Datasheet HTML 66Page - STMicroelectronics STM32H723VG Datasheet HTML 67Page - STMicroelectronics STM32H723VG Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 227 page
background image
Pinouts, pin descriptions and alternate functions
STM32H723xE/G
64/227
DS13313 Rev 2
J8
52
74
M12
PB13
I/O
FT_h
-
TIM1_CH1N, LPTIM2_OUT,
OCTOSPIM_P1_IO2,
SPI2_SCK/I2S2_CK, DFSDM1_CKIN1,
USART3_CTS/USART3_NSS,
FDCAN2_TX, OTG_HS_ULPI_D6,
ETH_MII_TXD1/ETH_RMII_TXD1,
SDMMC1_D0, DCMI_D2/PSSI_D2,
UART5_TX, EVENTOUT
-
H10
53
75
L11
PB14
I/O
FT_h
-
TIM1_CH2N, TIM12_CH1,
TIM8_CH2N, USART1_TX,
SPI2_MISO/I2S2_SDI,
DFSDM1_DATIN2,
USART3_RTS/USART3_DE,
UART4_RTS/UART4_DE,
SDMMC2_D0, FMC_D10/FMC_AD10,
LCD_CLK, EVENTOUT
-
G10
54
76
L12
PB15
I/O
FT_h
-
RTC_REFIN, TIM1_CH3N,
TIM12_CH2, TIM8_CH3N,
USART1_RX, SPI2_MOSI/I2S2_SDO,
DFSDM1_CKIN2, UART4_CTS,
SDMMC2_D1, FMC_D11/FMC_AD11,
LCD_G7, EVENTOUT
-
K9
55
77
L9
PD8
I/O
FT_h
-
DFSDM1_CKIN3, USART3_TX(boot),
SPDIFRX1_IN2,
FMC_D13/FMC_AD13, EVENTOUT
-
J9
56
78
K9
PD9
I/O
FT_h
-
DFSDM1_DATIN3, USART3_RX(boot),
FMC_D14/FMC_AD14, EVENTOUT
-
H9
57
79
J9
PD10
I/O
FT_h
-
DFSDM1_CKOUT, USART3_CK,
FMC_D15/FMC_AD15, LCD_B3,
EVENTOUT
-
G9
58
80
H9
PD11
I/O
FT_h
-
LPTIM2_IN2, I2C4_SMBA,
USART3_CTS/USART3_NSS,
OCTOSPIM_P1_IO0, SAI4_SD_A,
FMC_A16/FMC_CLE, EVENTOUT
-
K10
59
81
L10
PD12
I/O
FT_fh
-
LPTIM1_IN1, TIM4_CH1, LPTIM2_IN1,
I2C4_SCL, FDCAN3_RX,
USART3_RTS/USART3_DE,
OCTOSPIM_P1_IO1, SAI4_FS_A,
FMC_A17/FMC_ALE,
DCMI_D12/PSSI_D12, EVENTOUT
-
Table 7. STM32H723 pin and ball descriptions (continued)
Pin number
Pin name (function
after reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com