Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H723VG Datasheet(PDF) 66 Page - STMicroelectronics

Part # STM32H723VG
Description  32-bit Arm® Cortex®-M7 550 MHz MCU, up to 1 MB Flash memory, 564 KB RAM, 35 comms peripherals and analog interfaces
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H723VG Datasheet(HTML) 66 Page - STMicroelectronics

Back Button STM32H723VG Datasheet HTML 62Page - STMicroelectronics STM32H723VG Datasheet HTML 63Page - STMicroelectronics STM32H723VG Datasheet HTML 64Page - STMicroelectronics STM32H723VG Datasheet HTML 65Page - STMicroelectronics STM32H723VG Datasheet HTML 66Page - STMicroelectronics STM32H723VG Datasheet HTML 67Page - STMicroelectronics STM32H723VG Datasheet HTML 68Page - STMicroelectronics STM32H723VG Datasheet HTML 69Page - STMicroelectronics STM32H723VG Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 227 page
background image
Pinouts, pin descriptions and alternate functions
STM32H723xE/G
66/227
DS13313 Rev 2
E10
64
97
F12
PC7
I/O
FT_h
-
DBTRGIO, TIM3_CH2, TIM8_CH2,
DFSDM1_DATIN3, I2S3_MCK,
USART6_RX, SDMMC1_D123DIR,
FMC_NE1, SDMMC2_D7, SWPMI_TX,
SDMMC1_D7, DCMI_D1/PSSI_D1,
LCD_G6, EVENTOUT
-
F9
65
98
F11
PC8
I/O
FT_h
-
TRACED1, TIM3_CH3, TIM8_CH3,
USART6_CK,
UART5_RTS/UART5_DE,
FMC_NE2/FMC_NCE, FMC_INT,
SWPMI_RX, SDMMC1_D0,
DCMI_D2/PSSI_D2, EVENTOUT
-
E9
66
99
E11
PC9
I/O
FT_fh
-
MCO2, TIM3_CH4, TIM8_CH4,
I2C3_SDA(boot), I2S_CKIN,
I2C5_SDA, UART5_CTS,
OCTOSPIM_P1_IO0, LCD_G3,
SWPMI_SUSPEND, SDMMC1_D1,
DCMI_D3/PSSI_D3, LCD_B2,
EVENTOUT
-
D9
67
100 E12
PA8
I/O
FT_fh
-
MCO1, TIM1_CH1, TIM8_BKIN2,
I2C3_SCL(boot), I2C5_SCL,
USART1_CK, OTG_HS_SOF,
UART7_RX, TIM8_BKIN2_COMP12,
LCD_B3, LCD_R6, EVENTOUT
-
C9
68
101 D12
PA9
I/O
FT_u
-
TIM1_CH2, LPUART1_TX,
I2C3_SMBA, SPI2_SCK/I2S2_CK,
I2C5_SMBA, USART1_TX(boot),
ETH_TX_ER, DCMI_D0/PSSI_D0,
LCD_R5, EVENTOUT
OTG_HS_VBUS
D10
69
102 D11
PA10
I/O
FT_u
-
TIM1_CH3, LPUART1_RX,
USART1_RX(boot), OTG_HS_ID,
MDIOS_MDIO, LCD_B4,
DCMI_D1/PSSI_D1, LCD_B1,
EVENTOUT
-
C10
70
103 C12
PA11
I/O
FT_u
-
TIM1_CH4, LPUART1_CTS,
SPI2_NSS/I2S2_WS, UART4_RX,
USART1_CTS/USART1_NSS,
FDCAN1_RX, LCD_R4, EVENTOUT
OTG_HS_DM
(boot)
B10
71
104 B12
PA12
I/O
FT_u
-
TIM1_ETR,
LPUART1_RTS/LPUART1_DE,
SPI2_SCK/I2S2_CK, UART4_TX,
USART1_RTS/USART1_DE,
SAI4_FS_B, FDCAN1_TX,
TIM1_BKIN2, LCD_R5, EVENTOUT
OTG_HS_DP
(boot)
Table 7. STM32H723 pin and ball descriptions (continued)
Pin number
Pin name (function
after reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com